Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 46Page - National Semiconductor (TI) LM4560 Datasheet HTML 47Page - National Semiconductor (TI) LM4560 Datasheet HTML 48Page - National Semiconductor (TI) LM4560 Datasheet HTML 49Page - National Semiconductor (TI) LM4560 Datasheet HTML 50Page - National Semiconductor (TI) LM4560 Datasheet HTML 51Page - National Semiconductor (TI) LM4560 Datasheet HTML 52Page - National Semiconductor (TI) LM4560 Datasheet HTML 53Page - National Semiconductor (TI) LM4560 Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.5V to 4.0V
Input Voltage (V
I)
−0.5V to 5.5V +0.5V
Output Voltage (V
O)
−0.5V to V
DD +0.5V
Storage Temperature (T
STG)
−65˚C to +165˚C
Power Dissipation (P
D)1W
Lead Temperature (T
L)
(Soldering, 10 seconds)
+200˚C
7.2 CAPACITANCE
T
A = 0˚C to 70˚C, Vdd = 3.3V ±5%,VSS = 0V (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
C
IN
Input Pin Capacitance
10
pF
C
ICLK
Clock Input Capacitance
12
pF
C
IO
I/O Pin Capacitance
f = 1 MHz
10
pF
C
O
Output Pin Capacitance
f = 1 MHz
10
pF
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Capacitance limits are guaranteed by simulation but are not tested.
7.3 ELECTRICAL CHARACTERISTICS
T
A = 0˚C to 70˚C, Vdd = 3.3V ±5%,VSS =0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
V
DD Average Supply Current
V
DD = 3.3V, VIL = 0.5V,
V
IH = 2.4V, No Load
20
35
50
mA
V
IH
Input High Voltage
1.65
5.5
V
V
IL
Input Low Voltage
−0.5
1.0
V
CORE (3.3V Only)
CV
cc
Core Supply Voltage
3.2
3.4
V
I/O - 3.3V Signalling Environment
V
ih
Input High Voltage
1.65
V
dd
V
V
il
Input Low Voltage
1.0
V
V
oh
Output High Voltage
2.97
V
V
ol
Output Low Voltage
0.33
V
Gameport I/O DC Characteristic (for pull up resistor values of 2.5k to 10k
Ω)
Vtranlh
For Schmitt trigger I/O, Input
voltage at trigger point (output is
V
cc/2
When input goes
from low to high
2.1
V
Vtranhl
For Schmitt trigger I/O, Input
voltage at trigger point (output is
V
cc/2
When input goes
from high to low
1.3
V
7.4.1 Timing Table
T
A = 0˚C to 70˚C, Vdd = 3.3V ±5%,VSS =0V
Symbol
Parameter
Min
Max
Units
PCI Clock
Tcyc
CLK Cycle Time
30
ns
Thigh
CLK High Time
14
16
ns
Tlow
CLK Low Time
14
16
ns
Tskew
CLK Skew
−2
2
ns
AC’97 Clock
Tcyc
ACCLK Cycle Time
72
ns
Thigh
ACCLK High Time
36
45
ns
Tlow
ACCLK Low Time
36
45
ns
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com