Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) LM4560 Datasheet HTML 39Page - National Semiconductor (TI) LM4560 Datasheet HTML 40Page - National Semiconductor (TI) LM4560 Datasheet HTML 41Page - National Semiconductor (TI) LM4560 Datasheet HTML 42Page - National Semiconductor (TI) LM4560 Datasheet HTML 43Page - National Semiconductor (TI) LM4560 Datasheet HTML 44Page - National Semiconductor (TI) LM4560 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
4.0 Functional Description (Continued)
4.2.1.7.2 Command 41h
Function: Set Playback Sample Rate by Frequency
Sampling Frequency = 4 kHz to 48 kHz, either mono or stereo
4.2.1.7.3 Command 42h
Function: Set Recording Sample Rate by Frequency
Sampling Frequency = 4 kHz to 48 kHz, either mono or stereo
4.2.1.7.4 Command 48h
Function: Set Block Length for Continuous and Special DMA
Length = number of bytes to be transferred - 1
SB ESP will generate an interrupt after the specified block length of data has been transferred.
4.2.1.8 SB ADPCM Playback Only Command 7xh
4.2.1.8.1 Command 72–77h
Function: SB ADPCM normal DMA playback
Length = number of bytes to be transferred - 1
These commands are not supported, the implemented SB ESP engine will behave like its normal operation except silent the out-
put and do not perform the bus mastering operation.
4.2.1.8.2 Command 7A–7Fh
Function: SB ADPCM continuous DMA playback
These commands are not supported, the implemented SB ESP engine will behave like its normal operation except silent the out-
put and do not perform the bus mastering operation.
4.2.1.9 Output Silence Command 8xh
4.2.1.9.1 Command 80h
Function: Silence Digital Audio for a Duration
Duration = number of sample rate count - 1
After the specified duration elapses, SB ESP will generate an interrupt. During silence period, SB ESP output middle range data
to CODEC (8000h).
4.2.1.10 Special DMA Playback/Recording Command 9xh
All special DMA mode use command 48h to set the transfer block size. The non-continuous special DMA mode will interrupt the
CPU at the end of the transfer block and wait for new command. Use SB ESP_Reset( ) to end the continuous special DMA, all
other parameters remain the same after the SB ESP_Reset( ).
SB ESP uses SBMX0E.1 to do mono/stereo playback.
SBMX0E.1 = 0 for mono playback
1 for stereo playback
MX0E.1 default value is 0 after power up reset or mixer reset
SB ESP uses command A0h/A8h to set mono/stereo recording state.
Mono recording after SB ESP command A0h
Stereo recording after SB ESP command A8h
Default recording state after power up reset or ESP_Reset() is mono.
4.2.1.10.1 Command Bit Definition
Bit 3
0 Special DMA Playback
1 Special DMA Recording
Bit 2 X reserved
Bit 1 X reserved
Bit 0
0 Continuous DMA
1 Non-Continuous DMA
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com