Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 3Page - National Semiconductor (TI) LM4560 Datasheet HTML 4Page - National Semiconductor (TI) LM4560 Datasheet HTML 5Page - National Semiconductor (TI) LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
3.0 Register Description
3.1 PCI CONFIGURATION REGISTER MAP
Offset
+3h
+2h
+1h
+0h
00h
Device ID
Vendor ID
04h
Status
Command
08h
Class Code
Revision ID
0Ch
BIST
Header Type
Latency Timer
Cache Line Size
10h
Audio IO Base Address
14h
Audio Memory Base Address
18–28h
RSVD
2Ch
Subsystem ID
Subsystem Vendor ID
30h
RSVD
34h
RSVD
Cap_Ptr
38h
RSVD
3Ch
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
40h
DDMA Slave CFG
44h
PM_Timer
PM_CFG
LEGACY_DMA
LEGACY_IOBASE
48h
RSVD
INT_VEC
INTA_SNOOP_ENA
DCh
PMC
PM_Next_Ptr
PM_Cap_ID
E0h
Power Value Data
PMCSR_BSE
PMCSR
3.1.1 PCI Configuration Register Description
3.1.1.1 Device ID & Vendor ID
PCI Configuration
Address:
00h–03h
Default:
001B100Bh
Description: read/write,
can
be
written
only
when
CFG46h[6]=1
Bit 31–16 device ID: default 001Bh
Bit 15–0 vendor ID: default 100Bh
3.1.1.2 Status & Command:
PCI Configuration
Address:
04h–07h
Default:
02900000h
Description:
Bit 2–0: R/W
Bit 28: TA Received target abort. Write 1 to clear.
Bit 29: MA Received master abort. Write 1 to clear.
Bit 20: PM PCI Power Management support, hardwired to 1
Bit 23, 25: hardwired to 1
The rest bits: hardwired to 0
3.1.1.3 Class Code & Revision ID:
PCI Configuration
Address:
08h–0Bh
Default:
04010001h
Description: read only
Bit 7–0: 01 revision ID
Bit 31–24: 04 Base class: Multimedia
Bit 23–16: 01 Sub-class: Audio device
Bit 15–8: 00 Interface
3.1.1.4 BIST, Header Type, Latency Timer & Cache Line
Size:
PCI Configuration
Address:
0Ch–0Fh
Default:
00000000h
Description:
Bit 15–12: R/W
The rest bits: hardwired to 0
3.1.1.5 Audio IO Base Register:
PCI Configuration
Address:
10h–13h
Default:
00000001h
Description:
Bit 31–8: R/W Audio IO base
Bit 7–1: Hardwire to 0
Bit 0: Hardwire to 1
3.1.1.6 Audio MEM Base Register:
PCI Configuration
Address:
14h–17h
Default:
00000000h
Description:
Bit 31–12: R/W Audio MEM base
Bit 11–0: Hardwire to 0
3.1.1.7 Subsystem ID & Subsystem vendor ID:
PCI Configuration
Address:
2Ch–2Fh
Default:
001B100Bh
Description: read only
Bit 31–16: subsystem ID: default 001Bh
Bit 15–0: subsystem vendor ID: default 100Bh
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com