Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 17Page - National Semiconductor (TI) LM4560 Datasheet HTML 18Page - National Semiconductor (TI) LM4560 Datasheet HTML 19Page - National Semiconductor (TI) LM4560 Datasheet HTML 20Page - National Semiconductor (TI) LM4560 Datasheet HTML 21Page - National Semiconductor (TI) LM4560 Datasheet HTML 22Page - National Semiconductor (TI) LM4560 Datasheet HTML 23Page - National Semiconductor (TI) LM4560 Datasheet HTML 24Page - National Semiconductor (TI) LM4560 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
3.0 Register Description (Continued)
10: SB ESP DMA Test Busy
11: SB ESP Command Buffer Full
Bit 10
0: SB ESP Engine at Digital Audio Off State
1: SB ESP Engine at Digital Audio On State
Bit 11
0: SB ESP DMA Command is not valid
1: SB ESP DMA command is valid
Bit 12
0: SB ESP has no ack byte
1: SB ESP has ack byte that needs to be read out
Bit 13
0: SB ESP is not at Direct Recording Mode
1: SB ESP is at Direct Recording Mode
Bit 14
0: SB Mixer Register MX0E.1 is 0
1: SB Mixer Register MX0E.1 is 1
Bit 15
0: AC-97 codec is not ready
1: AC-97 codec is ready
Bit 16
1: OPL3 Bank
0: Key On/Off
Bit 17
1: OPL3 Bank1 Key On/Off
Bit 18
1: SB PRO Mixer Register Update
Bit 19
1: SB16 Mixer Register Update
Bit 20
1: SB Engine Sample Rate Set By Time Constant Most Re-
cently
Bit 21
1: SB Engine Sample Rate Set By Frequency Most Recently
Bit 22
1: SB16 Command Captured Most Recently (Bx or Cx Type
Command Captured)
Bit 23
1: SB PRO Command Captured Most Recently (Non-Bx or
Cx Type Command Captured)
Bit 24
1: SB Mixer Soft-Reset
Bit 26..25
00: SB ESP is at get operator state
01: SB ESP is at get first operand state
11: SB ESP is at get second operand state
10: SB ESP is at get third operand state
Bit 27
1: SB ESP is at special DMA mode
Bit 28
(LREC_IRQ_MASK) Legacy Recording IRQ MASK
0: Generate IRQ when legacy recording block length ex-
pired.
1: Don’t generate IRQ when legacy recording block length
expired.
Bit 29 (MPU_BUF_SEL) MPU401 Output Buffer Select
0: 8-byte
1: 128-byte
Bit 31..30 (Read only) Chip Capability Bits
These two bits are connected to the invert of two bonding op-
tion pads (padt1, padt0). Padt1, padt0 are two input pad with
pull-high resistor which can be bonded to GND.
00 (Default) Full functioned level (64-channel + effect +
AC97 v2.0)
01 Enhanced level (64-channel + effect + AC97 v1.03)
10 Standard level (64-channel + AC97 v1.03)
11Entry level (32-channel + AC97 v1.03)
Bit 24..16 will be cleared after this register is read.
Only one bit of Bit 21 and Bit 20 can be set 1 by implemented
SB ESP Engine at any time.
Only one bit of Bit 23 and Bit 22 can be set 1 by implemented
SB ESP Engine at any time.
3.4.6.2 ASR1 (Legacy Sound Blaster Frequency Read
Back Register)
Address: AudioBase + 54h
Size:
16 bits
Type:
Read Only
Default:
00h
Bit 15..0 Sample Frequency Set by SB Command 41h or 42h
3.4.6.3 ASR2 (Legacy Sound Blaster Time Constant
Read Back Register)
Address: AudioBase + 56h
Size:
8 bits
Type:
Read Only
Default:
00h
Bit 7..0 Time Constant Value Set by SB Command 40h
3.4.6.4 ASR3 ( TSAudio Scratch Register)
Address: AudioBase + 58h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
3.4.6.5 ASR4 (TSAudio Version Control Register)
Address: AudioBase + 5Ch
Size:
8 bits
Type:
Read Only
Default:
80h
3.4.6.6 ASR5 (SB ESP Version High Byte Control
Register)
Address: AudioBase + 5Eh
Size:
4 bits
Type:
Read/Write
Default:
4h
3.4.6.7 ASR6 (SB ESP Version Low Byte Control
Register)
Address: AudioBase + 5Fh
Size:
4 bits
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com