Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 2Page - National Semiconductor (TI) LM4560 Datasheet HTML 3Page - National Semiconductor (TI) LM4560 Datasheet HTML 4Page - National Semiconductor (TI) LM4560 Datasheet HTML 5Page - National Semiconductor (TI) LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
1.0 Pin Description (Continued)
Symbol
Pin(s)
Type
Description
AC97 CODEC INTERFACE SIGNALS (6)
ACDO
54
OUT
AC97 serial data out.
This output sends serial
data to codec(s).
I2S INTERFACE (7)
I2SBCKI
82
IN
I2S Receiver Bit Clock
I2SLRCKI
81
IN
I2S Receiver L/R Clock
I2SDI
80
IN
I2S Receiver Data
I2SBCKO
79
OUT
I2S Transmitter Bit
Clock
I2SLRCKO
78
OUT
I2S Transmitter L/R
Clock
I2SDO
77
OUT
I2S Transmitter Data
MCLK
76
OUT
I2S Transmitter Master
Clock
S/PDIF TRANSMITTER (1)
SPDO
51
OUT
S/PDIF transmitter
output
GAME PORT PINS (8)
GD[7:4]
47:44
IN
Gameport data
GD[3:0]
43:40
IN
Gameport data
GENERAL-PURPOSE I/O (8)
GPIO[7:0]
68:61
I/O
General-purpose
input/output
NO CONNECTIONS (5)
NC
70:74
No connections
2.0 Functional Description
2.1 DEVICE OVERVIEW
2.1.1 The LM4560 is composed of several functional blocks.
There is a PCI bus interface, a wave engine, I/O interfaces
and legacy support hardware.
2.1.1.1 The PCI bus interface includes all the logic that talks
to the PCI bus, handles the PCI bus cycles, reports PCI con-
figuration block and PCI power management. The EEPROM
interface for supporting the SubSystem and SubVendor ID
fields for PCI card vendors is located here.
2.1.1.2 The wave engine supports all the logic necessary to
synthesize wave table voices / instruments. The sample rate
converter is used to pitch shift the samples and rate convert
pcm streams. For example converting from 44.1 ksps CD
audio to 48ksps DAT pcm. The wave engine is also used to
play back WDM streams and for the legacy PC audio func-
tions. There are three mixers in the wave engine, the main
mixer, and mixers for chorus and reverb sends.
2.1.1.3 The I/O ports include the AC97 Rev 2.0 I/O, the I2S
I/O, the SPDIF out, GPIOs, gameport and MPU401 midi I/O.
2.1.1.3.1 The AC97 port supports two AC97 codecs. The pri-
mary codec must be Rev 1.03, 2.0 or 2.1. The secondary co-
dec must be Rev 2.0 or 2.1.
2.1.1.3.2 The I2S port supports data out at 48 KSPS only
and inputs at rates from 8 to 48 KSPS. Output can come
from I2S L/R Output Buffer or SURR L/R Output FIFO. The
input data rate can be determined by reading the 13 lsbs of
register 0xCC. The sample rate = (I2S_DELTA)*60. The
transmitter sends 20 bits stereo and the receiver receives 20
stereo. When the I2S data in receives more than 20 bits, the
lsb’s are truncated. If the receiver receives less than 20 bits,
zeros are appended to the lsbs.
2.1.1.3.3 The SPDIF output only supports Mode 0 consumer
20 bit audio data that is sampled at 48 kHz. If the receiver
needs fewer bits, then the lsbs will be truncated.
2.1.1.3.4 The GPIO pins are 5V tolerant programmable I/O
pins. They can be programmed to either inputs or output via
a register at offset 7Ch. On power up all the pins default to
inputs.
If any of the GPIO pins are used for hardware control pins,
the best programming procedure would be to leave the i/o
pins as inputs, then set the output bits to highs or lows, then
change the selected I/O pins to outputs. This will avoid the
possibility of glitches on the output. Since the pins power up
as inputs, they will be floating and so 30 k
Ω resistors are
needed to put the pin into a know state on power up.
The inputs can be read from the same register 7Ch. The
CPU must poll the 7Ch to see if any of the inputs have
changed state.
2.1.1.3.5 The Game port pins are 5V tolerant I/O pins and
support the standard dual analog joysticks.
The enhanced mode works will all normal analog input joy-
sticks. The CPU can read internal counters rather than mea-
suring the time constants of each of the X, Y inputs with soft-
ware timing loops.
2.1.1.3.6 The LM4560 supports the standard MPU 401 uart
mode midi interface.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com