Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 41Page - National Semiconductor (TI) LM4560 Datasheet HTML 42Page - National Semiconductor (TI) LM4560 Datasheet HTML 43Page - National Semiconductor (TI) LM4560 Datasheet HTML 44Page - National Semiconductor (TI) LM4560 Datasheet HTML 45Page - National Semiconductor (TI) LM4560 Datasheet HTML 46Page - National Semiconductor (TI) LM4560 Datasheet HTML 47Page - National Semiconductor (TI) LM4560 Datasheet HTML 48Page - National Semiconductor (TI) LM4560 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
4.0 Functional Description (Continued)
E2h command is used to compute the subroutine’s starting address for digital sound playback or recording according to the dedi-
cated algorithm. The resultant byte should be sent back to system memory via legacy DMA operation method (two bytes trans-
ferred in all). After E2h is received, ESP will be set busy if E2Status (source from wave engine) is set active.
4.2.1.14.4 Command E4h
Function: Send Test Byte for Command E8h
4.2.1.14.5 Command E8h
Function: Get Test Byte Sent by Command E4h
4.2.1.15 SB ESP Testing Command FXh
4.2.1.15.1 Command F2h
Function: Generate an interrupt for test
SB ESP will generate an interrupt immediately after this command.
4.2.1.15.2 Command F8h
Function: SB ESP data read test
4.2.1.16 Digitized Sound Data Format and Order
4.2.1.16.1 PCM Sound Data Format
Length
Format
Max. Value
Min. Value
Mid. Value
8 Bit
Unsigned FFh
0h
80h
8 Bit
Signed
7Fh
80h
0h
16 Bit
Unsigned FFFFh
0h
8000h
16 Bit
Signed
7FFFh
8000h
0h
4.2.1.16.2 PCM Sound Data Order
4.2.1.16.2.1 8-Bit Mono
N
N+1
N+2
N+3
N+4
PCM 0
PCM 1
PCM 2
PCM 3
PCM 4
4.2.1.16.2.2 8-Bit Stereo for 1xh and 9xh Type Command
2N
2N+1
2(N+1)+0
2(N+1)+1
2(N+2)+0
PCM 0.R
PCM 0.L
PCM 1.R
PCM 1.L
PCM 2.R
4.2.1.16.2.3 8-BIT STEREO FOR CXH TYPE COMMAND
2N
2N+1
2(N+1)+0
2(N+1)+1
2(N+2)+0
PCM 0.L
PCM 0.R
PCM 1.L
PCM 1.R
PCM 2.L
4.2.1.16.2.4 16-Bit Mono
2N
2N+1
2(N+1)+0
2(N+1)+1
2(N+2)+0
LOW
HIGH
LOW
HIGH
LOW
PCM 0
PCM 0
PCM 1
PCM 1
PCM 2
4.2.1.16.2.5 16-Bit Stereo
4N
4N+1
4N+2
4N+3
4(N+1)+0
LOW
HIGH
LOW
HIGH
LOW
PCM 0.L
PCM 0.L
PCM 0.R
PCM 0.R
PCM 1.L
4.2.1.17 Legacy Sound Blaster Mixer Register
The legacy SB mixer register are accessed through indirect addressing method, where the SBR4 stores the index of addressed
register and SBR5 stores the register content to be read/write. In the following description, MXxx represents a mixer register
whose index is xx.
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com