Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 46Page - National Semiconductor (TI) LM4560 Datasheet HTML 47Page - National Semiconductor (TI) LM4560 Datasheet HTML 48Page - National Semiconductor (TI) LM4560 Datasheet HTML 49Page - National Semiconductor (TI) LM4560 Datasheet HTML 50Page - National Semiconductor (TI) LM4560 Datasheet HTML 51Page - National Semiconductor (TI) LM4560 Datasheet HTML 52Page - National Semiconductor (TI) LM4560 Datasheet HTML 53Page - National Semiconductor (TI) LM4560 Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
4.0 Functional Description (Continued)
Default: FFh
Bit 7..0 Low Byte of SB DMA Current Block Length Re-
mained - 1
4.2.1.22.2.4 SBDMAC SB DMA Current Block Length High
Byte
SB ESP Address: 1h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: 07h
Bit 7..0 High Byte of SB DMA Current Block Length Re-
mained - 1
4.2.1.22.2.5 SBDMAL SB DMA Base Block Length Low Byte
SB ESP Address: 2h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: FFh
Bit 7..0 Low Byte of SB DMA Base Block Length - 1
4.2.1.22.2.6 SBDMAL SB DMA Base Block Length High Byte
SB ESP Address: 3h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: 07h
Bit 7..0 High Byte of SB DMA Base Block Length - 1
SBDMAL, SBDMAC are byte count when SBCTRL Bit 7 is 0.
SBDMAL, SBDMAC are word count when SBCTRL Bit 7 is
1.
When SBDMAC changed from 0 to FFFFh, a SBBLOVER in-
terrupt signal should be generated and sent to SB ESP en-
gine. Also the SBDMAC is reload from SBDMAL.
4.2.1.22.2.7 SBCTRL SB DMA Running Mode and Data For-
mat Register
SB ESP Address: 4h
Size: 8 bits
Type: Write Only For SB ESP
Read Only For Wave Engine
Default: 00h
Bit 7
0: 8 bit data format
1: 16 bit data format
Bit 6
0: mono
1: stereo
Bit 5
0: unsigned data format
1: signed data format
Bit 4
0: playback
1: recording
Bit 3
0: stop running after current block length expired
1: continue running after current block length expired
Bit 2..0 X legacy channel working mode
000 stop
001 run
010 silent audio
011 reserved
100 silent DMA
101 pause
110 reserved
111 direct mode play
4.3 SERIAL INTERFACE
4.3.1 AC-97 Interface
4.3.2 I2S Interface
4.3.3 S/PDIF
4.4 POWER MANAGEMENT
Term:
Header standard PCI configuration space standard header
type 0
HIFW
host interface write
HRST
H/W Reset on PCI bus
SRST
S/W Reset
D0
Audio Device Run: DC97, AC97 and PCI INTF at
full power on state
D1
Audio Device Pause: DC97 clock off
D2
Audio Device Close: DC97 clock off, Inactivity
Timer running, AC97 clock is about to be turned off
D3hot
Audio Device Clock Off: DC97 clock off, AC97 clock
off, PCI clock keep running
D3cold Audio Device Power Off: V
CC is taken off.
4.4.1 Power Management for D0–D3 State
When at D0 state, DC97, AC97 and PCI INTF are running
normally. After power on reset, audio device is at D0 state.
Once enter D1 state, if DC_PM_EN_ (PM_CFG bit[1]) = 0,
clock of DC97 will be shut off and kept staying low after au-
dio engine enters Pause or Stop state, i.e., Audio_clk will be
shut off when Audio_idle flag is set.
Once enter D2 state, DC97 clock will be turned off as the
same way as in D1 state. And also, the Inactivity Timer be-
gins to count immediately.
When the counter expired (around 30 seconds later after en-
ter D2 state), if Timer_PME_EN (PM_CFG bit[7]) = 1, a PME
will be issued; otherwise, no PME issued but PM_ST will be
set to 11b (D3) by chip.
Once enter D3 state, if AC_PM_EN_ (PM_CFG bit) = 0, the
bit clock of AC97 will be shut off after a H/W power down
command sequence through AC-link generated by DC97.
A one shot signal called ac97pm_pulse (generated by PM
logic) is used to inform DC97 to generate those power down
sequences.
4.4.2 D0–D3 State Transition Table
Present
State
Next
State
State Change Way
D3cold
D0
HRST
D3hot
D0
SRST
www.national.com
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com