Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) LM4560 Datasheet HTML 15Page - National Semiconductor (TI) LM4560 Datasheet HTML 16Page - National Semiconductor (TI) LM4560 Datasheet HTML 17Page - National Semiconductor (TI) LM4560 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
3.0 Register Description (Continued)
3.4.1.10 DMAR10 (Legacy DMA Single Channel Mask
Port)
Address: AudioBase + 0Ah or 000Ah
Size:
8 bits
Type:
Write Only
Default:
00h
Write: channel mask register for implemented legacy 8237-A
DMA channel.
Writing to this register will affect the legacy DMA operation of
the LM4560, implementation of this register maintains the
register compatibility with legacy 8237-A DMA channel mask
register. For system which has a DDMA Master, it is the DMA
Master’s responsibility to update the legacy channel mask
bit, DMAR15.0 with address (DMASlaveBase + Fh) when a
I/O write to 000Ah occurred on PCI Bus. When snooping a
legacy 8237-A register operation is enabled, any I/O write to
000Ah should be snooped to DMAR15.0.
3.4.1.11 DMAR11 (Legacy DMA Channel Operation
Mode Register)
Address: DMASlaveBase + 0Bh or AudioBase + 0Bh or
000Bh
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: channel mode register for implemented legacy 8237-A
DMA channel.
Writing to this register will affect the legacy DMA operation of
the LM4560, implementation of this register maintains the
register compatibility with legacy 8237-A DMA channel mode
register for system with or without DDMA Master. For system
which has DDMA Master, it is the DMA Master’s responsibil-
ity to update this register when an I/O write to 000Bh oc-
curred on PCI Bus. When snooping legacy 8237-A register
operation is enabled, any I/O write to 000Bh should be
snooped to this register if the channel number matches the
snooping legacy DMA channel number.
Read : This register can only be read out through AudioBase
+ 0Bh port.
3.4.1.12 DMAR12 (Legacy DMA Controller First_Last
Flag Clear Port)
Address: AudioBase + 0Ch or 00Ch
Size:
0 bits
Type:
Write Only
Write: first_last flag clear register for implemented legacy
8237-A DMA channel.
Writing to this register will clear the flag signal First_Last.
Implementation of this register maintains the register com-
patibility with legacy 8237-A DMA controller for system with-
out DDMA Master. For system which has DDMA Master, it is
the DMA Master’s responsibility to implement this flag. When
snooping legacy 8237-A register operation is enabled, any
I/O write to 000Ch should clear First_Last flag.
3.4.1.13 DMAR13 (Legacy DMA Controller Master Clear
Port)
Address: DMASlaveBase + 0Dh or AudioBase + 0Dh or
000Dh
Size:
0 bits
Type:
Write Only
Write : master clear register for implemented legacy 8237-A
DMA channel.
Writing to this register has the effect of hardware reset to the
implemented legacy 8237-A DMA channel. Implementation
of this register maintains the register compatibility with
legacy 8237-A DMA controller for system with or without
DDMA Master. For system which has DDMA Master, it is the
DMA Master’s responsibility to write to this register when a
write to legacy 8237-A master clear register (I/O write to
000Dh) is on the PCI Bus. When snooping legacy 8237-A
register operation is enabled, any I/O write to 000Dh should
clear several legacy flags such as First_Last flag.
3.4.1.14 DMAR14 (Legacy DMA Controller Clear Mask
Port)
Address: AudioBase + 0Eh or 000Eh
Size:
0 bits
Type:
Write Only
Write: multi-channel mask clear port for implemented legacy
8237-A DMA channel.
Writing to this register will affect the legacy DMA operation.
Implementation of this register maintains the register com-
patibility with legacy 8237-A DMA multi-channel clear mask
register. For system which has DDMA Master, it is the DMA
Master’s responsibility to update the legacy channel mask bit
DMAR15.0 with address (DMASlaveBase + Fh) when a I/O
write to 000Eh occurred on PCI Bus. When snooping legacy
8237-A register operation is enabled, any I/O write to 000Eh
will reset DMAR15.0 to 0.
3.4.1.15 DMAR15 (Legacy DMA Controller
Multi-Channel Mask Register)
Address: DMASlaveBase + 0Fh or AudioBase + 0Fh or
000Fh
Size:
1 bit
Type:
Write Only
Default:
0b
Write: multi-channel mask register for implemented legacy
8237-A DMA channel.
Implementation of this register maintains the register com-
patibility with legacy 8237-A DMA controller for system with
or without DDMA Master. For system which has DDMA Mas-
ter, it is the DMA Master’s responsibility to write DMAR15
when a write to legacy 8237-A multi-channel mask register
(I/O write to 000Fh) is on the PCI Bus. When snooping
legacy 8237-A register operation is enabled, any I/O write to
000Fh should update the mask flag for the implemented
legacy 8237-A DMA channel.
3.4.2 Legacy Sound Blaster/Adlib Register:
These 16-byte registers can be accessed on Audio Base (I/O
or MEM), SB Base, or ADLIB Base.
3.4.2.1 SBR0 (Legacy FmMusic Bank 0 Register Index /
Legacy FmMusic Status)
Address: AudioBase + 10h or SBBase + 0h or SBBase +
08h or ADLIBBase + 0h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com