Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) LM4560 Datasheet HTML 15Page - National Semiconductor (TI) LM4560 Datasheet HTML 16Page - National Semiconductor (TI) LM4560 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
3.0 Register Description (Continued)
3.4.1.2 DMAR1 (Legacy DMA Playback Buffer Base
Register Port2)
Address: DDMASlaveBase + 1h or AudioBase + 1h or
0000h / 0002h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Buffer Base Address 15–8
Legacy DMA Playback Buffer Current Transfer Address
15–8
Read: Legacy DMA Playback Buffer Current Transfer Ad-
dress 15–8
The PCI bus interface circuit should response to I/O read to
0000h or 0002h on the PCI bus only when DMASnoopEn is
active.
3.4.1.3 DMAR2 (Legacy DMA Playback Buffer Base
Register Port3)
Address: DDMASlaveBase + 2h or AudioBase + 2h or
0087h / 0083h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Buffer Base Address 23–16
Legacy DMA Playback Buffer Current Transfer Address
23–16
Read: Legacy DMA Playback Buffer Current Transfer Ad-
dress 23–16
The PCI bus interface circuit should response to I/O read to
0087h or 0083h on the PCI bus only when DMASnoopEn is
active.
3.4.1.4 DMAR3 (Legacy DMA Playback Buffer Base
Register Port4)
Address: DDMASlaveBase + 3h or AudioBase + 3h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Buffer Base Address 31–24
Legacy DMA Playback Buffer Current Transfer Address
31–24
Read: Legacy DMA Playback Buffer Current Transfer Ad-
dress 31–24
This register is intended for system which has DDMA Master.
Any time when legacy DMA is running, this register must be
reset to 0 by software driver.
3.4.1.5 DMAR4 (Legacy DMA Playback Byte Count
Register 1)
Address: DDMASlaveBase + 4h or AudioBase + 4h or
0001h / 0003h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write : Legacy DMA Playback Byte Base Count 7–0
Legacy DMA Playback Current Byte Count 7–0
Read: Legacy DMA Playback Current Byte Count 7–0
The PCI bus interface circuit should response to I/O read to
0003h or 0001h on the PCI bus only when DMASnoopEn is
active.
3.4.1.6 DMAR5 (Legacy DMA Playback Byte Count
Register 2)
Address: DDMASlaveBase + 5h or AudioBase + 5h or
0001h / 0003h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Byte Base Count 15–8
Legacy DMA Playback Current Byte Count 15–8
Read: Legacy DMA Playback Current Byte Count 15–8
The PCI bus interface circuit should response to I/O read to
0003h or 0001h on the PCI bus only when DMASnoopEn is
active.
3.4.1.7 DMAR6 (Legacy DMA Playback Byte Count
Register 3)
Address: DDMASlaveBase + 6h or AudioBase + 6h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Byte Base Count 23–16
Legacy DMA Playback Current Byte Count 23–16
Read: Legacy DMA Playback Current Byte Count 23–16
This register is intended for system which has DDMA Master.
Any time when legacy DMA playback is not running, this reg-
ister must be reset to 0 by software driver.
3.4.1.8 DMAR7 (Legacy DMA Playback Misc. Register)
Address: DDMASlaveBase + 7h or AudioBase + 7h
Size:
8 bits
Type:
Read/Write
Default:
00h
3.4.1.9 DMAR8 (Legacy DMA Controller Command /
Status Register)
Address: DDMASlaveBase + 8h or AudioBase + 8h or
0008h
Size:
8 bits
Type:
Read Only
Default:
00h
Read: status register for implemented legacy 8237-A DMA
channel.
Implementation of this register maintains the compatibility
with legacy 8237-A status register. However, when reading
this register, the return value should be different for I/O read
to (DDMASlaveBase + 8h), I/O read to (AudioBase +8h) and
I/O read to (0008h). I/O read to (DDMASlaveBase + 08h) is
normally initiated by DDMA Master. I/O read to (AudioBase +
08h) is normally initiated by our debug program. The DDMA
Master will take the responsibility to combine the return
value of each DMA Slave Channel in the system and return
the final resultant byte to response to the PCI I/O read to
0008h initiated by Host/PCI Bridge. The PCI bus interface
circuit should response to I/O read to 0008h on the PCI bus
only when DMASnoopEn is active.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com