Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) LM4560 Datasheet HTML 39Page - National Semiconductor (TI) LM4560 Datasheet HTML 40Page - National Semiconductor (TI) LM4560 Datasheet HTML 41Page - National Semiconductor (TI) LM4560 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
4.0 Functional Description (Continued)
Table CODEC Buffer Partitioning
4.1.10 Legacy Channel Playback/Recording
This function block is intended to emulate legacy DMA using PCI bus master engine.
All parameters used by this Legacy Channel are stored in register.
TABLE 1. LBL (Legacy Burst Length)
LBL CA[1:0]
00
01
10
11
SB_Data_type[2:1]=00
1112
SB_Data_type[2:1]=01
1222
SB_Data_type[2:1]=10
1222
SB_Data_type[2:1]=11
2333
TABLE 2. LBL1 (Legacy Burst Length)
LBL1 BA[1:0]
00
01
10
11
SB_Data_type[2:1]=00
1111
SB_Data_type[2:1]=01
1112
SB_Data_type[2:1]=10
1112
SB_Data_type[2:1]=11
1222
4.2 LEGACY AUDIO
The legacy Audio includes the SB Engine, OPL3 trapping, MPU-401 interface and Gameport.
4.2.1 SB Engine
4.2.1.1 Legacy SB ESP I/O Procedure
4.2.1.1.1 SB ESP Read Data Procedure
4.2.1.1.2 SB ESP Write Procedure
4.2.1.1.3 SB ESP Reset Procedure
4.2.1.1.4
4.2.1.1.5 Legacy SB Interrupt Acknowledge Procedure
4.2.1.2 Legacy Sound Blaster Compatible Digitized Sound Transfer Method
4.2.1.2.1 Direct Mode
SB ESP is programmed to do audio input/output on each command. All delay time is controlled by CPU delay loop or timer in-
terrupt. Only 8-bit mono input/output is supported.
Input:
a. ESP_Write(20h)
b. Next 8-bit mono PCM = ESP_Read()
c. Wait until next sample time, go to a.
4.2.1.2.2 DMA Mode
•
Normal DMA Mode
SB ESP is programmed to make one transfer with a
specified block size. At the end of transfer, the SB ESP
www.national.com
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com