Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 26Page - National Semiconductor (TI) LM4560 Datasheet HTML 27Page - National Semiconductor (TI) LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) LM4560 Datasheet HTML 30Page - National Semiconductor (TI) LM4560 Datasheet HTML 31Page - National Semiconductor (TI) LM4560 Datasheet HTML 32Page - National Semiconductor (TI) LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
3.0 Register Description (Continued)
when Bit[31:30] = 1x (REC or REC_PB)
00: left,
01: right
10: (left+right+1)/2
11: reserved.
Bit[23] SRC Enable
0 disable
1 enable
Bit[22] FM and AM Enable
0 disable
1 enable
Bit[21] PAN Enable
0 disable
1 enable
Bit[20] Channel Volume Enable
0 disable
1 enable
Bit[19] Global Volume Enable
0 disable
1 enable
Bit[18:16] reserved
Bit[15:14] (FMC) FM modulation control bits.
00: FMA = (FMS * SIN) >> 3
01: FMA = (FMS * SIN) >> 2
10: FMA = (FMS * SIN) >> 1
11: FMA = (FMS * SIN) >> 0
Bit[13:7] (RVOL) Reverb Send Linear Volume
format: 1.6, 7Fh stands for 2x gain, 40h stands for no gain no
attenuation, 00h stands for mute.
Bit[6:0] (CVOL) Chorus Send Linear Volume
format: 1.6, 7Fh stands for 2x gain, 40h stands for no gain no
attenuation, 00h stands for mute.
3.4.9.29 F0h_A (Bank A GVSEL & PAN & VOL & CTRL
& Ec) (for Bank A only)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + F0h (index mode) || Audio MEM
Base + 810h + 20h*CIR (direct access mode,
CIR: channel index) (CIR<32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: GVSEL — Global Volume Select (1 bit)
PAN — Positioning Attenuation (7 bits)
VOL — Volume Attenuation (8 bits)
CTRL — Control (4 bits)
Ec — Curent Envelope (12 bit)
Bit 31 (GVSEL) is global volume select bit.
0: select MUSICVOL
1: select WAVEVOL
Bits 30–24 (PAN) is Positioning attenuation control.
Bit 30 selects attenuated channel.
0: left,
1: right.
Bits 29–24 is the attenuation value in format of 4.2. 3Fh
stand for mute.
Bits 23–16 (VOL) is channel volume attenuation in format of
5.3. 00h stands for 0 dB attenuation, FFh stands for mute.
Bits 15–12 are control bits.
Bit 15 selects 8/16 bit sample data
0: 8-bit data
1: 16-bit data
Bit 14 selects mono/stereo sample data
0: mono
1: stereo
Bit 13 selects unsigned/signed sample data
0: unsigned
1: signed
Bit 12 is loop mode enable bit.
0: disable
1: enable
Bit 11–0 (Ec) is current envelope in format of 6.6 (Six bits in-
teger and six bits fraction). 00h stands for 0 dB, FFh stands
for −63.984375 dB.
3.4.9.30 F0h_B (Bank B GVSEL & PAN & VOL & CTRL
& Bank A LFO_INIT)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + F0h (index mode) || Audio MEM
Base + 810h + 20h*CIR (direct access mode,
CIR: channel index) (CIR<32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: GVSEL — Global Volume Select (1 bit)
PAN — Positioning Attenuation (7 bits)
VOL — Volume Attenuation (12 bits)
CTRL — Control (4 bits)
LFO_INIT — Bank A per channel LFO counter
initial and reload value(8 bit)
Bit 31 (GVSEL) is global volume select bit.
0: select MUSICVOL
1: select WAVEVOL
Bits 30–24 (PAN) is Positioning attenuation control.
Bit 30 selects attenuated channel.
0: left,
1: right.
Bits 29–24 is the attenuation value in format of 4.2. 3Fh
stand for mute.
Bits 23–16 (LFO_INIT) is Bank A per channel LFO counter
initial and reload value.
Note: Any time when host write to RegECh[26:16] (LFO_CT), LFO_INIT
should be written with the same value.
Bits 15–12 are control bits.
Bit 15 selects 8/16 bit sample data
0: 8-bit data
1: 16-bit data
Bit 14 selects mono/stereo sample data
0: mono
1: stereo
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com