Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) LM4560 Datasheet HTML 39Page - National Semiconductor (TI) LM4560 Datasheet HTML 40Page - National Semiconductor (TI) LM4560 Datasheet HTML 41Page - National Semiconductor (TI) LM4560 Datasheet HTML 42Page - National Semiconductor (TI) LM4560 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
4.0 Functional Description (Continued)
will generate an interrupt and wait for next command.
•
Continuous DMA Mode
SB ESP is programmed to make continuous transfer to/
from CODEC. After each transfer of a specified block
size, the SB ESP will generate an interrupt and continue
the next transfer of the same block size after the interrupt
is acknowledged.
There are two ways to terminate continuous DMA mode
transfer.
Program the SB ESP to switch to normal DMA mode
transfer. At the end of the current DMA transfer, the SB
ESP will exit from continuous DMA mode and continue to
transfer using the specified normal DMA mode.
Send the exit continuous command. The SB ESP will exit
continuous DMA mode at the end of current block and
terminate the transfer.
•
Special DMA Mode
Once SB ESP is in the special DMA mode, it will not ac-
cept any further commands or data until the DMA mode is
terminated by the following two methods:
Non-continuous special DMA mode will exit special DMA
mode automatically at the end of transfer.
For continuous special DMA mode, a SB ESP_Reset() is
needed to exit special DMA mode. The SB ESP_Reset()
will only stop special DMA transfer, all other parameters
remain the same.
4.2.1.3 Legacy Sound Blaster Compatible Digitized Sound Sampling Rate Setup
4.2.1.3.1
4.2.1.3.2 Set Sampling Rate By Time Constant
Time constant = 256d − (1,000,000d / (channel * sampling rate))
4.2.1.3.3 Set Sampling Rate By Sampling Frequency
Frequency = 4 kHz to 48 kHz, either mono or stereo
4.2.1.4 Legacy Sound Blaster Esp Engine Digital Audio Command Set
0xh Reserved
1xh Set Audio Output Mode for 8 Bit Playback
2xh Set Audio Input Mode for 8 Bit Recording
3xh Reserved
4xh Set Sample Rate and Continuos/Special DMA Block Length
5xh Reserved
6xh Reserved
7xh SB ADPCM Playback
8xh Output Silence
9xh 8 Bit Special DMA Mode Playback/Record
Axh Reserved
Bxh 16-Bit DMA Audio I/O
Cxh 8-Bit DMA Audio I/O
Dxh Control DMA and Speaker
Exh SB ESP Version and Diagnostic Test
Fxh SB ESP Test
All 8-bit SB ESP command is unsigned PCM playback/recording command except Cxh command.
All 8-bit SB ESP command is mono playback/recording command except command 14h, 1Ch , 9xh and Cxh
4.2.1.5 8-Bit Playback Only Command 1Xh
SB ESP uses SBMX0E.1 to do mono/stereo playback.
SBMX0E.1 = 0 for mono playback
1 for stereo playback
4.2.1.5.1 Command Bit Definition
Bit 30 Direct or Normal DMA Mode
1 Continuous DMA Mode
Bit 20 Direct Mode
1 DMA Mode
Bit 10 8-Bit Data PCM
1 Reserved
Bit 00 Normal
www.national.com
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com