Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) LM4560 Datasheet HTML 15Page - National Semiconductor (TI) LM4560 Datasheet HTML 16Page - National Semiconductor (TI) LM4560 Datasheet HTML 17Page - National Semiconductor (TI) LM4560 Datasheet HTML 18Page - National Semiconductor (TI) LM4560 Datasheet HTML 19Page - National Semiconductor (TI) LM4560 Datasheet HTML 20Page - National Semiconductor (TI) LM4560 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
3.0 Register Description (Continued)
Bit 7
0
Ack. Byte is available or External
MIDI Input Data is Available in
MDI-IN FIFO;
1
NO Acknowledfe Byte or External
MIDI Input Data;
Bit 6
0
Ready for MIDI Data Output or New
MIDI Command
1
MIDI-OUT FIFO is Full
Bit 5
0
MIDI-IN FIFO is not Full
1
MIDI-IN FIFO is Full
Bit 4
0
MPU401 engine is at PASS-THRU
mode
1
MPU401 engine is at UART mode
Bit 3..0
RESERVED
Write MPU-401 Command
Bit 7..0
Command to MPU-401 MIDI
Controller;
3.4.3.3 MPUR2 (MPU-401 Operation Control / Status
Register)
Address: AudioBase + 22h or MPU401Base + 2h
Size:
8 bits
Type:
Bit 7..3 Read/Write
Bit 2.00 Read Only
Default:
10h
Read MPU-401 MIDI Engine Current Status
Bit 7
0
MIDI-IN FIFO Source From External
MIDI-IN Pad;
1
MIDI-IN FIFO Source From
MIDI-OUT FIFO;
Bit 6
0
External MIDI-OUT Pad Source From
MIDI-OUT FIFO;
1
External MIDI-OUT Pad Source From
External MIDI-IN Pad;
Bit 5
0
Regular MIDI Clock is being used;
1
Fast MIDI Clock (12.288 MHz) is
being used;
Bit 4
0
MPUR0 Disconnect From MIDI-OUT
FIFO;
1
Connect MPUR0 to MIDI-OUT FIFO;
Bit 3
0
Interrupt will be generated When
MIDI-IN FIFO is not Empty;
1
Interrupt will not be generated When
MIDI-IN FIFO is not Empty;
Bit 2
0
MPU401 Midi-out buffer full flag is
not masked at loop back mode;
1
MPU401 Midi-out buffer full flag is
masked at loop back mode;
Bit 1
0
MIDI-OUT FIFO is Empty;
1
MIDI-OUT FIFO is Not Empty;
Bit 0
0
MIDI-IN FIFO is Empty;
1
MIDI-IN FIFO is not Empty
Write MPU-401 MIDI Engine Operation Control
Bit 7
0
MIDI-IN FIFO Source From External
MIDI-IN Pad;
1
MIDI-IN FIFO Source From
MIDI-OUT FIFO;
Bit 6
0
External MIDI-OUT Pad Source From
MIDI-OUT FIFO;
1
External MIDI-OUT Pad Source From
External MIDI-IN Pad;
Bit 5
0
Regular MPU401 MIDI Clock is being
used;
1
Fast MPU401 MIDI Clock (12.288
MHz) is being used;
Bit 4
0
Disconnect MPUR0 From MIDI-OUT
FIFO When at Pass-Thru Mode;
1
Connect MPUR0 to MIDI-OUT FIFO
When at Pass-Thru Mode;
Bit 3
0
Genarate Interrupt When MIDI-IN
FIFO is not Empty;
1
Do Not Generate Interrupt When
MIDI-IN FIFO is not Empty;
Bit 2
0
External MIDI-OUT Source from
Internal MIDI-OUT
1
Force External MIDI-OUT Output
Pad to Stay at High Level
Bit 1..0
RESERVED
3.4.3.4 MPUR3 (MPU-401 MIDI-IN FIFO Access Port)
Address: AudioBase + 23h or MPU401Base + 3h
Size:
8 bits
Type:
Read Only
Default:
00h
Read
Bit 7..0
MIDI Data Serialized In MIDI-IN FIFO
3.4.3.5 Implementation Note:
After power up reset, MPU-401 MIDI engine is at pass-
through mode. MPU-401 MIDI engine will only execute the
following two commands when at pass-through mode.
Command Code: 3Fh
Function:
Enter_UART Mode from Pass-Through
Mode
Behavior:
Return acknowledge byte (0FEh) in
MPUR0, generate an interrupt if switch to
UART
mode
successfully.
Reading
MPUR0 will clear this interrupt.
Command Code: FFh
Function:
MIDI Reset
Behavior:
Return acknowledge byte (0FEh) in
MPUR0, generate an interrupt and stay
in Pass-Through mode. Reading MPUR0
will clear this interrupt.
MPU-401 MIDI engine will only execute the following com-
mand when at UART mode.
Command Code: FFh
Function:
Enter Pass-Through Mode from UART
Mode
Behavior:
Flush MIDI-IN FIFO, go to Pass-Through
Mode;
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com