Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 15Page - National Semiconductor (TI) LM4560 Datasheet HTML 16Page - National Semiconductor (TI) LM4560 Datasheet HTML 17Page - National Semiconductor (TI) LM4560 Datasheet HTML 18Page - National Semiconductor (TI) LM4560 Datasheet HTML 19Page - National Semiconductor (TI) LM4560 Datasheet HTML 20Page - National Semiconductor (TI) LM4560 Datasheet HTML 21Page - National Semiconductor (TI) LM4560 Datasheet HTML 22Page - National Semiconductor (TI) LM4560 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
3.0 Register Description (Continued)
Default:
00000000h
Write
Bit 7..0
X
index of the AC-97 mixer register to
be written;
Bit7=0for Primary CODEC;
Bit7=1for Secondary CODEC.
Bit 14..7
X
reserved
Bit 15
0
do nothing
1
write AC-97 mixer register (indexed
by bit 7..0) with bit 31..16;
Bit 31..16
X
data to be written into AC-97 mixer
register;
Read
Bit 6..0
X
index of the AC-97 mixer register to
be written;
Bit 14..7
X
reserved
Bit 15
0
ready to write AC-97 mixer register
1
busy writing AC-97 mixer (indexed
by Bit 7..0);
Bit 31..16
X
data to be written into AC-97 mixer
register.
3.4.5.2 ACRD (AC-97 Mixer Read Register)
Address: AudioBase + 44h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Write
Bit 7..0
X
index of the AC-97 mixer register to
be read;
Bit 7=0 for Primary CODEC;
Bit 7=1 for Secondary CODEC.
Bit 14..7
X
reserved
Bit 15
0
do nothing
1
read AC-97 mixer register (indexed
by bit 7..0) with bit 31..16;
Bit 31..16
X
reserved
Read
Bit 6..0
X
index of the AC-97 mixer register to
be read;
Bit 14..7
X
reserved
Bit 15
0
bit 31..16 is valid data of the AC
mixer register (indexed by bit 7..0)
1
busy reading AC-97 mixer register
(indexed by Bit 7..0);
Bit 31..16
X
AC-97 mixer register contents.
3.4.5.3 SCTRL (Serial INTF Control Register)
Address: AudioBase + 48h
Size:
32 bits
Type:
Read/Write
Default:
00014000h
Bit 0 (WRST_CODEC) CODEC Warm Reset Command
0: Normal
1: Warm Reset CODEC
When write ‘1’ to this bit, pin ACSYNC should be driven to
high for at least 1µs.
Bit 1 (CRST_CODEC) CODEC Cold Reset Command
0: Normal
1: Cold Reset CODEC
When write ‘1’ to this bit, pin ACRST should be driven to low
for at least 1µs.
Bit 2 (MCLK_SEL) MCLK clock rate select for I2S Output
0: MCLK = 12.288M
1: MCLK = 6.144M
Bit 3 (PCMOUT_SEL) PCM Output Select (Primary/
Secondary)
0: PCM Output up to Primary CODEC request
1: PCM Output up to Secondary CODEC request
Bit 4 (DBLRATE_EN) CODEC Double Rate Enable
0: Disable
1: Enable
Bit 5 (SPDIF_EN) S/PDIF Output Function Enable
0: Disable
If disabled, the clocks of SPDIF transmitter should be shut
down.
1: Enable
Bit 6 (I2SOUT_EN) I2S Output Function Enable
0: Disable
If disabled, the clocks of I2S transmitter should be shut
down.
1: Enable
Bit 7 (I2SIN_EN) I2S Input Function Enable
0: Disable
If disabled, the clocks of I2S receiver should be shut down.
1: Enable
Bit 8 (PCMIN_SEL) PCMIN Slot Select
0: Primary CODEC PCMIN slot input to PCMIN_A buffer
1: Secondary CODEC PCMIN slot input to PCMIN_A buffer
Bit 9 (LINE1IN_SEL) LINE1IN Slot Select
0: Primary CODEC LINE1IN slot input to LINE1IN buffer
1: Secondary CODEC LINE1IN slot input to LINE1IN buffer
Bit 10 (MIC_SEL) MIC Slot Select
0: Primary CODEC MIC slot input to MIC buffer
1: Secondary CODEC MIC slot input to MIC buffer
Bit 11 (LINE2IN_SEL) LINE2IN Slot Select
0: Primary CODEC LINE2IN slot input to LINE2IN buffer
1: Secondary CODEC LINE2IN slot input to LINE2IN buffer
Bit 12 (HSETIN_SEL) HSETIN Slot Select
0: Primary CODEC HSETIN slot input to HSETIN buffer
1: Secondary CODEC HSETIN slot input to HSETIN buffer
Bit 13 (GPIOIN_SEL) GPIOIN Slot Select
0: Primary CODEC GPIOIN slot input to GPIOIN buffer
1: Secondary CODEC GPIOIN slot input to GPIOIN buffer
Bit 15–14 Secondary CODEC ID
Default: 01
Bit 16 (PCMOUT_EN) PCMOUT L/R Slot Enable, Default: 1
0: Disable
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com