Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4560 Datasheet HTML 1Page - National Semiconductor (TI) LM4560 Datasheet HTML 2Page - National Semiconductor (TI) LM4560 Datasheet HTML 3Page - National Semiconductor (TI) LM4560 Datasheet HTML 4Page - National Semiconductor (TI) LM4560 Datasheet HTML 5Page - National Semiconductor (TI) LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LM4560
Advanced PCI Audio Accelerator
General Description
LM4560 is an advanced PCI audio accelerator providing full
legacy compatibility, wavetable synthesis, DirectMusic, Di-
rectSound, and DirectSound3D on a single chip for the high-
performance, cost-sensitive consumer market. It supports
Sound Blaster functionality and is fully PC98 compliant.
The LM4560 integrates a 64-voice wave table engine with
per voice effect processing capability. It supports the upcom-
ing Microsoft™ DirectMusic API and is fully compatible with
DLS Level 1 (downloadable samples) specification. The
LM4560 is optimized for Microsoft Windows™ 98 and Win-
dows NT5.0 WDM streaming architecture with re-routable
end-point support. The LM4560 includes DirectSound3D ac-
celeration hardware for ITD (Interaural Time Difference), IID
(Interaural Intensity Difference), Pan, Delay, and Doppler
hardware.
The LM4560 supports Sound Blaster Pro/16 DOS games
while improving gaming audio quality. The LM4560 supports
both the legacy analog gameport and a Digital Enhanced
Game Port. When coupled with DirectInput™ driver, the Digi-
tal Enhanced Game Port can save up to 12% of the CPU
overhead nominally required by a conventional analog game
port. The LM4560 employs a high precision 26-bit digital
mixer, providing an accurate 20-bit output and higher than 90
dB signal-to-noise ratio when used with high quality AC97
Rev 1.03 and Rev 2.0 codecs.
The LM4560 is designed with aggressive power manage-
ment. It is PCI Bus Power Management Interface (PPMI
1.0)-compliant. The LM4560 supports multiple Rev 2.0 AC97
codecs, which are useful for notebook docking systems.
With a low power, 3.3V process and a space conscious 100
TQFP package, the LM4560 is also well suited for Notebook
systems.
In summary, the LM4560 provides a balanced combination
of features and performance to the end-user. By combining
PCI bus mastering for DirectSound acceleration, Hardware
Wave table synthesizer, Digital Enhanced Game Port and
DirectSound 3D audio acceleration. It delivers high perfor-
mance, high quality audio, high-end features with efficient
power management in a space-efficient 100 TQFP package.
Features
n PCI 2.1-compliant with Bus Mastering optimized for
multiple stream operation
n On-chip per voice cache minimizes PCI bandwidth
n Up to 20X improvement over ISA DMA on PCI bus
bandwidth utilization
Advanced Wavetable Synthesizer
n Wavetable synthesis with 64-voices polyphony, which
supports all combinations of stereo/mono, 8-/16-bits,
and signed/unsigned samples
n Per channel volume, pitch shift, left/right pan, tremolo,
vibrato and envelope control (32 channels in hardware)
n Per channel effect process ing and effect volume control
for reverb, chorus, and echo
n DLS1-compliant Downloadable Samples support
Legacy Compatibility
n Legacy game audio support with SoundBlaster Pro/16
compatibility on the PCI bus
n Legacy DMA support on PCI Bus with DDMA-enabled or
standard (non-DDMA) PCI chipsets
n FM through realtime FM-to-wavetable conversion
n MPU-401 compatible UART for external or internal
synthesis
n General MIDI/GS command interpretation for wavetable
& effect synthesis
High Quality Audio and AC97 Support
n CD quality audio with higher than 90 dB signal-to-noise
ratio using an external high quality AC97 codec
n AC97 support with full duplex, independent sample rate
converter for audio recording and playback
n On-chip sample rate converter ensures all internal
operation at 48 kHz
n High precision internal 26-bit digital mixer with 16- and
20-bit digital audio output
Advanced Streaming Architecture
n Microsoft WDM Streaming architecture compliant and
“Re-routable endpoint” support
n Three stereo capture channels
n AC97 stereo recording channel through AC-link
DirectSound 3D
n 64-voices DirectSound channels
n 32-voices DirectSound3D accelerator with IID, ITD, and
Doppler effects on 3D positional audio buffers
n DirectSound accelerator for volume, pan, and pitch shift
control on streaming or static buffers
Telephony & Modem
n Full duplex speaker phone with AC97 2.0 audio-modem
codec
n Fax-modem with host based software
Extras
n Fully Plug and Play PCI controller and software
n Digital Enhanced Game port enables an analog joystick
to emulate digital joystick performance using the
National Semiconductor-provided DirectInput driver. This
eliminates up to 12% CPU overhead wasted on joystick
polling.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Microsoft™ is a trademark of Microsoft Corporation.
Windows® is a registered trademark of Microsoft Corporation.
DirectInput™ is a trademark of Microsoft Corporation
December 1998
© 1998 National Semiconductor Corporation
DS100910
www.national.com


Similar Part No. - LM4560

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI-LM4562 Datasheet
1Mb / 41P
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LM4560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7780 PHILIPS-SAA7780 Datasheet
348Kb / 70P
ThunderBird Q3D PCI Audio Accelerator
1999 Sep 30
SAA7785 PHILIPS-SAA7785 Datasheet
1Mb / 68P
ThunderBird Avenger PCI Audio Accelerator
1999 Nov 12
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
CrystalClear SoundFusion PCI Audio Accelerator
logo
List of Unclassifed Man...
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
logo
Cirrus Logic
CS4622 CIRRUS-CS4622 Datasheet
160Kb / 7P
CrystalClearTM SoundFusionTM PCI Audio Accelerator
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
CrystalClear SoundFusion PCI Audio Accelerator
logo
PLX Technology
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
Canyon3Dä2LE PCI Audio Accelerator Product Brief
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com