Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
3.0 Register Description (Continued)
0: (Default) Normal (PME is controlled by bit[8] PME_En)
1: PME can be asserted independent of bit[8] (PME_En).
Writing 0 to this bit has no effect.
Writing 1 to this bit will clear this bit, and also cause chip to
stop asserting PME.
Bit 14–13 (Data_Scale) Read only as 00b.
Bit 12–9 (Data_Select) Read only as 0000b.
Bit 8 (PME_En) Read/Write.
0: (Default) PME is disabled to be asserted.
1: PME is enabled to be asserted.
Bit 7–2 Reserved. Read only as 000000b.
Bit 1–0 (PM_ST) Power State. Read/Write.
Read will return current Power State, write will set to new
state.
00
D0
01
D1
10
D2
11
D3 hot
3.2 AUDIO PROCESSOR REGISTER MAP:
IO Offset
+3h
+2h
+1h
+0h
00h
DMAR3
DMAR2
DMAR1
DMAR0
04h
DMAR7
DMAR6
DMAR5
DMAR4
08h
DMAR11
DMAR10
DMAR9
DMAR8
0Ch
DMAR15
DMAR14
DMAR13
DMAR12
10h
SBR3/SBR1
SBR2
SBR1/SBR3
SBR0
14h
RSVD
SBR6
SBR5
SBR4
18h
RSVD
SBR7
RSVD
RSVD
1Ch
SBR10
SBR9
RSVD
SBR8
20h
MPUR3
MPUR2
MPUR1
MPUR0
24h–2Ch
RSVD
30h
RSVD
RSVD
GAMER1
GAMER0
34h
GAMER2
38h
GAMER3
3Ch
RSVD
40h
ACWR
44h
ACRD
48h
SCTRL
4Ch
ACGPIO
50h
ASR0
54h
RSVD
ASR2
RSVD
ASR1
58h
ASR3
5Ch
ASR6
ASR5
RSVD
ASR4
60h
AOPLSR0
70h
SPDIF_CS
74h
RSVD
78h
SubSystem ID
SubVendor ID
7Ch
PCI ID read
GPcontrol
GPO
GPI
80h
START_A
84h
STOP_A
88h
DLY
8Ch
SIGN_CSO
90h
CSPF_A
94h
CEBC
98h
AIN_A
9Ch
EINT
A0h
GC
CIR
A4h
AINTEN_A
A8h
MUSICVOL
WAVEVOL
ACh
SBDELTA/SBDELTA_R
RSVD
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com