Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 18Page - National Semiconductor (TI) LM4560 Datasheet HTML 19Page - National Semiconductor (TI) LM4560 Datasheet HTML 20Page - National Semiconductor (TI) LM4560 Datasheet HTML 21Page - National Semiconductor (TI) LM4560 Datasheet HTML 22Page - National Semiconductor (TI) LM4560 Datasheet HTML 23Page - National Semiconductor (TI) LM4560 Datasheet HTML 24Page - National Semiconductor (TI) LM4560 Datasheet HTML 25Page - National Semiconductor (TI) LM4560 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
3.0 Register Description (Continued)
Type:
Read/Write
Default:
2h
3.4.7 OPL3 Channel Status Register
These 4-byte registers can only be accessed on Audio Base
(I/O or MEM).
3.4.7.1 AOPLSR0 (OPL3 Emulation Channel Key On/Off
Trace Register)
Address: AudioBase + 60h
Size:
32 bits
Type:
Read Only
Default:
00000000h
Bit 8–0
1
Bank0 channel 8–0 key on/off event
captured.
Bit 13–9
1
OPL3 rhythm channel 4–0 key
on/off event captured
Bit 14
X
Reserved
Bit 15
(Whichbank) Read only
0
Bank0
1
Bank1
Bit 24–26
1
Bank1 channel 8–0 key on/off event
captured
Bit 31–25
X
Reserved
All the flags will be cleared after this register is read.
3.4.8 S/PDIF & GPIO Register
This register can only be accessed on Audio Base (I/O or
MEM).
3.4.8.1 SPDIF_CS (S/PDIF Channel Status Register)
Address: AudioBase + 70h
Size:
32 bits
Type:
Read/Write
Default:
02000000h
Bit 0 (PRO) Professional flag
Hardwired to 0
Bit 1 (Audio) Audio content flag
Hardwired to 0
Bit 2 (Copy) Copyright
Read/Write, Default: 00b
Bit 5–3 (Emphasis)
Read/Write, Default: 000b
Bit 7–6 (Mode) Hardwired to 00b
Bit 15–8 (L & Category)
Read/Write, Default: 00h
Bit 19–16 (Source Num)
Read/Write, Default: 0h
Bit 23–20 (Channel Num)
Read/Write, Default: 0h
Bit 27–24(Fs) Sample rate
Hardwired to 2h (48KHz)
Bit 29–28 (Clock Acc) Clock Accuracy
Read/Write, Default: 00b
Bit 31–30 Reserved
Hardwired to 00b
3.4.8.2 GPIO (General Purpose IO Register)
Address: AudioBase + 7Ch
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit 31..24 reserved
Bit 23..16 GPControl[7:0]
0: Input GPI[7:0] = GP_PIN[7:0]
1: Output GP_PIN[7:0] = GPO[7:0]
Bit 15..8 GPO[7:0]
Bit 7..0 GPI[7:0]
All reserved bits return 0 when read.
3.4.9 Wave Engine Register
These 128-byte registers can be accessed on AudioBase
(Audio I/O Base or Audio MEM Base).
64 voice channels are classified into two banks.
Bank A: channel 0–31 (optimized for MIDI)
Bank B: channel 32–63 (optimized for Wave, WDM Stream,
DirectX buffer, I
2S, S/PDIF, MODEM, Handset, Recording,
Microphone, Main Mixer Capture, Reverb Send, Chorus
Send, AC97 SURR, AC97 CENTER/LFE)
Each channel in Bank A can only be programmed as a play-
back channel with individual EM (envelope modulation), indi-
vidual LFO AM and individual LFO FM.
Channels in Bank B have more flexibility. Each of them can
be programmed as a Normal PB channel with global LFO
AM and LFO FM but without EM, or as a Special PB channel,
or as a REC channel, or as a REC_PB channel. Bit[31:19] of
RegEC_B is Channel ATTIBUTE.
3.4.9.1 STAR_A (START Command and Status Register
for Bank A)
Address: AudioBase + 80h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
This register and STOP_A are used as Bank A channel start/
stop command register when they are written, and used as
Bank A channel running/stopped status register when they
are read. Bit n is for channel n.
Reading from this I/O port will return the running/stopped
status of Bank A 32 voice channels.
0: Stopped.
When bit n is read as ‘0’, it means any operation of channel
n, including address generation, sample data fetching, inter-
polation, and envelope calculation is stopped. And this chan-
nel has no contribution to the digital mixer.
This bit will be reset from ‘1’ to ‘0’ in four cases.
(1) when a ‘1’ is written to the corresponding bit in register
STOP_A .
(2) when out of data, i.e. when sample loop disabled and
CSO (Current Sample Offset)
≥ ESO (End Sample Offset).
when Ec (current envelope) drops down to −63.984375 dB.
when current envelope buffer is in delay-stop mode, and
EDLY count down to ‘0’.
1: Running.
When bit n is read as ‘1’, it means channel n is working.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com