Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 39Page - National Semiconductor (TI) LM4560 Datasheet HTML 40Page - National Semiconductor (TI) LM4560 Datasheet HTML 41Page - National Semiconductor (TI) LM4560 Datasheet HTML 42Page - National Semiconductor (TI) LM4560 Datasheet HTML 43Page - National Semiconductor (TI) LM4560 Datasheet HTML 44Page - National Semiconductor (TI) LM4560 Datasheet HTML 45Page - National Semiconductor (TI) LM4560 Datasheet HTML 46Page - National Semiconductor (TI) LM4560 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
4.0 Functional Description (Continued)
Bit 3..0 X reserved
Length = number of words to be transferred -1
For non-continuous DMA, SB ESP will generate an interrupt and terminate the DMA transfer after the specified length of data has
been transferred.
For continuous DMA, SB ESP will generate an interrupt after each specified block length of data has been transferred.
4.2.1.12 8-Bit Audio Playback/Recording Command Cxh
4.2.1.12.1 Command Bit Definition
Bit 3
0 Playback
1 Recording
Bit 2
0 Non-Continuous DMA
1 Continuous DMA
Bit 1 X Reserved
Bit 0 X Reserved
4.2.1.12.2 Command C0h/C1h/C2h/C3h/C4h/C5h/C6h/C7h
Function: 8-bit audio playback
Procedure:
1.
SB ESP_Write(C0h/C1h/C2h/C3h/C4h/C5h/C6h/C7h)
2.
SB ESP_Write(Mode)
3.
SB ESP_Write(Length.low)
4.
SB ESP_Write(Length.high)
Mode
Bit 7..6 X reserved
Bit 5
0 mono
1 stereo
Bit 4
0 unsigned PCM (0–80h–FFh)
1 signed PCM (80h–0–7Fh)
Bit 3..0 X reserved
Length = number of bytes to be transferred -1
For non-continuous DMA, SB ESP will generate an interrupt and terminate the DMA transfer after the specified length of data has
been transferred.
For continuous DMA, SB ESP will generate an interrupt after each specified block length of data has been transferred.
4.2.1.12.3 Command C8h/C9h/CAh/CBh/CCh/CDh/CEh/CFh
Function: 8-bit audio recording
Mode
Bit 7..6 X reserved
Bit 5
0 mono
1 stereo
Bit 4
0 unsigned PCM (0–80h–FFh)
1 signed PCM (80h–0–7FFh)
Bit 3..0 X reserved
Length = number of words to be transferred -1
For non-continuous DMA, SB ESP will generate an interrupt and terminate the DMA transfer after the specified length of data has
been transferred.
For continuous DMA, SB ESP will generate an interrupt after each specified block length of data has been transferred.
www.national.com
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com