Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) LM4560 Datasheet HTML 13Page - National Semiconductor (TI) LM4560 Datasheet HTML 14Page - National Semiconductor (TI) LM4560 Datasheet HTML 15Page - National Semiconductor (TI) LM4560 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
3.0 Register Description (Continued)
3.1.1.15.6 Legacy DMA Snooping:
If CFG_REG45h[1] is ‘1’, Audio Processor will trap either of
Legacy DMA channel 0 or 1 by snooping legacy DMA regis-
ter 00h–0Fh write cycle and response to read cycle.
Physically, these 16 byte registers are identical to Audio
Base Reg00h–0fh.
3.1.1.15.7 DDMA Base:
Audio Processor is also a DDMA slave which has a DDMA
base in CFG_REG40h and has 16 byte registers. Physically,
these 16 byte registers are identical to Audio Base
Reg00h–0fh.
3.1.1.16 Memory Access Mode:
Audio Processor requires a 4 K-byte PCI Memory space.
The base address (we call it Audio MEM Base) resides in
PCI Configuration Register 14h.
3.1.1.16.1 Memory Mapped I/O:
The 256 byte Audio IO space is mapped to 000h–0FFh of
Audio MEM space bit to bit exactly. All audio processor reg-
isters can be accessed by host in a memory cycle with ad-
dress: Audio MEM Base+offset.
3.1.1.16.2 On-chip Memory Direct R/W:
On-chip SRAM, such as ARAM, ERAM, can be accessed by
host directly (instead of index mode). The ARAM & ERAM
are mapped to 800h–FFFh.
4K-byte Memory Address Map
000h–0FFh
256 byte register
100h–1FFh
Reserved
200h–
.
.
.
.
7FFh
Reserved
800h–
.
.
.
.
FFFh
ARAM & ERAM
On-Chip ARAM, ERAM Address Map
ARAM and ERAM are mapped in range of 800h–FFFh:
800h
Channel 0: REG_E0h
804h
Channel 0: REG_E4h
808h
Channel 0: REG_E8h
80Ch
Channel 0: REG_ECh
810h
Channel 0: REG_F0h
814h
Channel 0: REG_F4h
818h
Channel 0: REG_F8h
81Ch
Channel 0: REG_FCh
820h
Channel 1: REG_E0h
824h
Channel 1: REG_E4h
828h
Channel 1: REG_E8h
82Ch
Channel 1: REG_ECh
830h
Channel 1: REG_F0h
834h
Channel 1: REG_F4h
838h
Channel 1: REG_F8h
83Ch
Channel 1: REG_FCh
.
.
.
.
.
.
.
.
3.3 AUDIO PROCESSOR REGISTER DESCRIPTIONS:
3.3.1 DMA Register:
These 16-byte registers can be accessed on Audio Base (I/O
or MEM), on DDMA Base or in DMA Snooping mode.
DMA Register Map
Name
Description
DMAR0–3
Legacy DMA Playback Buffer
Base Register
DMAR4–6
Legacy DMA Playback Byte
Count Register
DMAR7
Legacy DMA Playback Misc.
Register
DMAR8
Legacy DMA Controller
Command/Status Register
DMAR9
Reserved Register
DMAR10
Legacy DMA Single Channel
Mask Port
DMAR11
Legacy DMA Channel
Operation Mode Register
DMAR12
Legacy DMA Controller
First_Last Clear Port
DMAR13
Legacy DMA Controller
Master Clear Port
DMAR14
Legacy DMA Controller Clear
Mask Port
DMAR15
Legacy DMA Controller
Multi-Channel Mask Register
LDATA: Data bus
3.4.1.1 DMAR0 (Legacy DMA Playback Buffer Base
Register Port1)
Address: DDMASlaveBase + 0h or AudioBase + 0h or
0000h / 0002h
Size:
8 bits
Type:
Read/Write
Default:
00h
Write: Legacy DMA Playback Buffer Base Address 7–0
Legacy DMA Playback Buffer Current Transfer Address 7–0
Read: Legacy DMA Playback Buffer Current Transfer Ad-
dress 7–0
The PCI bus interface circuit should response to I/O read to
0000h or 0002h on the PCI bus only when DMASnoopEn is
active.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com