Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) LM4560 Datasheet HTML 30Page - National Semiconductor (TI) LM4560 Datasheet HTML 31Page - National Semiconductor (TI) LM4560 Datasheet HTML 32Page - National Semiconductor (TI) LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
4.0 Functional Description (Continued)
4.1 WAVE ENGINE
Feature:
64 voice synthesis
Each voice channel typically consumes 0.25% PCI band-
width
8/16 bits, mono/stereo, unsigned/signed samples at arbi-
trary sample rate
Unlimited length of wave samples
Internal 26 bits computation, DAC driven up to 20 bits
Double buffering envelope curve
Pitch shifting
0–6 Hz low frequency oscillator
FM/AM modulation
Chorus, Reverb effect
Recording/Playback full-duplex
Main Mixer capture
Microphone channel capture
I
2S interface
S/PDIF interface
Modem data rate conversion
4.1.1 Scheduler
Wave engine process SRC (Sample Rate Conversion), EM (Envelope Modulation), FM (Frequency Modulation), AM (Amplitude
Modulation) and DM (Digital Mixing) channel by channel. A central controller called
Scheduler will decide the processing se-
quence of up to 64 playback channels (including up to 10 special channels) and 1 legacy playback/recording channel.
To optimize PCI bus utilization, Scheduler decides each channel’s priority according to the following rules:
Legacy playback/recording channel always has the high-
est priority.
Channels which require PCI bus cycle, i.e. cache miss
channels, have higher priority.
DS100910-4
FIGURE 3. Testing Specification Standard
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com