Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4560 Datasheet HTML 1Page - National Semiconductor (TI) LM4560 Datasheet HTML 2Page - National Semiconductor (TI) LM4560 Datasheet HTML 3Page - National Semiconductor (TI) LM4560 Datasheet HTML 4Page - National Semiconductor (TI) LM4560 Datasheet HTML 5Page - National Semiconductor (TI) LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Features (Continued)
n DirectX timer for video/audio synchronization
n Forward pin-compatible with future PCI audio
accelerators
n 100-pin TQFP package
n 3.3V operation
Software Support
n Complete DirectX driver suite (DirectSound3D,
DirectSound, DirectMusic, and DirectInput) for Windows
95 and Windows 98/NT 5.0
n Configuration installation, and diagnostics under real
mode DOS, WindowsWindows 95, and Windows 98
DOS box
n Windows 3.1, 95, NT4.0, Windows 98/NT5.0
configuration, installation, and mixer program
n 1, 2, 4, or 8 Mbytes General MIDI (GM)/General Sound
(GS) compliant sample Library
Block Diagram
Table of Contents
1.0 Pin Description
1.1 Package Diagram
1.2 Pin Description
2.0 Functional Decription
2.1 Device Overview
3.0 Register Description
3.1 PCI Configuration Register Map
3.1.1 PCI Configuration Register Description
3.1.1.1 Device ID & Vendor ID
3.1.1.2 Status & Command
3.1.1.3 Class Code & Revision ID
3.1.1.5 Audio IO Base Register
3.1.1.6 Audio MEM Base Register
3.1.1.7 Subsystem ID & Subsystem vendor ID
3.1.1.8 PCIPM Capability List Pointer Register
3.1.1.9 Max_Lat, Min_Gnt, Interrupt Pin & Interrupt Line
3.1.1.10 DDMA Slave Configuration Register
3.1.1.11 Legacy audio/power management configuration
3.1.1.13 Power management capability register (PMC)
3.1.1.14
Power
management
control/status
register
(PMCSR) & PMCSR_BSE & Data
3.2 Audio Processor Register Map
3.3 Audio Processor Register Access Mode
3.3.1 I/O Access Mode
3.3.2 Memory Access Mode
3.4 Audio Processor Register Description
3.4.1 DMA Registers
3.4.1.1 DMAR0 (Legacy DMA Playback Buffer Base Regis-
ter Port1)
3.4.2 Legacy Sound Blaster/Adlib Registers
3.4.3 Legacy MPU-401 Registers
3.4.4 Legacy Gameport Register
3.4.5 Serial Interface Control Register
3.4.6 Misc and Status Register
3.4.7 OPL3 Channel Status Register
3.4.8 S/PDIF & GPIO Registers
3.4.9 Wave Engine Registers
3.4.9.31 F4h_A (EBUF1) ( Bank A Only)
4.0 Functional Description
4.1 Wave Engine
4.1.1 Scheduler
4.1.2 Address Engine
4.1.3 Envelope Engine
4.1.4 Interpolation & Volume Adjustment
4.1.5 Digital Mixer
4.1.6 LFO
4.1.7 Recording
DS100910-1
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com