Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 4Page - National Semiconductor (TI) LM4560 Datasheet HTML 5Page - National Semiconductor (TI) LM4560 Datasheet HTML 6Page - National Semiconductor (TI) LM4560 Datasheet HTML 7Page - National Semiconductor (TI) LM4560 Datasheet HTML 8Page - National Semiconductor (TI) LM4560 Datasheet HTML 9Page - National Semiconductor (TI) LM4560 Datasheet HTML 10Page - National Semiconductor (TI) LM4560 Datasheet HTML 11Page - National Semiconductor (TI) LM4560 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
3.0 Register Description (Continued)
3.1.1.8 PCIPM Capability List Pointer Register:
PCI Configuration
Address:
34h–37h
Default:
000000DCh
Description: Read Only
3.1.1.9 Max_Lat, Min_Gnt, Interrupt Pin & Interrupt
Line:
PCI Configuration
Address:
3Ch–3Fh
Default:
18020100h
Description:
Bit 7–0: INT line R/W
Bit 15–8: INT pin hardwired to 01
Bit 23–16: Min_Gnt hardwired to 02
Bit 31–24: Max_Gnt hardwired to 18
3.1.1.10 DDMA Slave Configuration Register
PCI Configuration
Address: 40h–43h
Type:
Read/Write
Default:
00000000h
Bit 0: DDMA Slave Channel Access Enable Control
0 disabled
1 enabled
When disabled, the DDMABase is not usefull and the PCM
sample playback control registers cannot be accessed
through DDMA Slave channel method.
When enabled, LM4560 can behave like a DDMA Slave
channel device. DDMA Master will transfer the legacy DMA
controller channel specific information to the related DDMA
Slave channel control register when software trying to pro-
gram the legacy DMA controller register.
Bit 2..1 Legacy DMA Transfer Size Control, Read Only as 00
00 8 bit transfer, legacy
Bit 3 Non Legacy Extended Addressing Control (Fully 32 bit
Addressing)
0 disabled
1 enabled
Bit 31..4 DDMABase
3.1.1.11 Legacy audio/ power management
configuration:
PCI Configuration
Address: 44h–47h
Type:
Read/Write
Default:
E2000000h
legacy I/O decoding 44h
bit 0:
0: SBBase = 0220h–022Fh
1: SBBase = 0240h–024Fh
bit 1
0: SBBase disable
1: SBBase enable
bit 2
0: ADLIBBase = 0388h–038Bh
1: ADLIBBase = 038Ch–038Fh
bit 3
0: ADLIBBase disable
1: ADLIBBase enable
bit 4
0: GAMEBase = 0200h–0207h
1: GAMEBase = 0208h–020Fh
bit 5
0: GAMEBase disable
1: GAMEBase enable
bit 6
0: MPU401Base = 0330h–0333h
1: MPU401Base = 0300h–0303h
bit 7
0: MPU401Base disable
1: MPU401Base enable
legacy DMA decoding 45h
bit 0
0: DMA channel 1 trapping
1: DMA channel 0 trapping
bit 1
0: DMA trapping
disable 1: DMA trapping enable
bit 2
0: DMA status handle mode A (slave only)
1: DMA status handle mode B (bus master)
bit 3
0: DMA status retry OK
1: DMA status retry error
If bit 3 is set, bus interface will not respond to IO8 operation
any more unless the status retry error bit is cleared by writing
1 to this bit.
bit 4 DMAREG_RD_EN_
0: Response to DMAREG(00h–03h, 83h/87h) Read when
CFG45[1] is 1;
1: Never response to DMAREG(00h–03h, 83h/87h) Read.
bits 5–7 reserved
when DMA trapping is enable, chip will decode the following
I/O port
DMA channel 1 trapping
read 2,3
write snoop 2,3
write snoop 8–Fh
write snoop 83h
DMA channel 0 trapping
read 0,1
write snoop 0,1
write snoop 8–Fh
write snoop 87h
when DMA trapping is enable, the chip will handle DMA sta-
tus read (I/O read port 8) depending on the DMA status
mode bit.
DMA status handle mode A:
LM4560 will decode I/O read port 8 if StatusRDY is active,
otherwise, it will ignore the cycle.
DMA status handle mode B:
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com