Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 31Page - National Semiconductor (TI) LM4560 Datasheet HTML 32Page - National Semiconductor (TI) LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) LM4560 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
4.0 Functional Description (Continued)
If sample is stereo, there are two data inputs — D_L and D_R, if sample is mono, only one data input — D. All this data should be
converted to 16-bit signed format.
Conversion from unsigned data to signed data should be implemented by inverting the MSB.
Decimal
16-bit unsigned
16-bit signed
32767
FFFFh
7FFFh
2
8002h
0002h
1
8001h
0001h
0
8000h
0000h
−1
7FFFh
FFFFh
−2
7FFEh
FFFEh
−32768
0000h
8000h
conversion from unsigned data to signed data
Conversion from 8-bit data to 16-bit data should be implemented by scaling data range from [−128, 127] to [−32768, 32767], i.e.
adding eight ‘0’ to LSB.
Decimal
in
8-bit
unsigned
8-bit
signed
Decimal
out
16-bit
signed
127
FFh
7Fh
32512
7F00h
2
82h
02h
512
0200h
1
81h
01h
256
0100h
0
80h
00h
0
0000h
−1
7Fh
FFh
−256
FF00h
−2
7Eh
FEh
−512
FE00h
−128
00h
80h
−32768
8000h
conversion from 8-bit data to 16-bit data
4.1.5 Digital Mixer
There are three Digital Mixer — Main, Chorus and Reverb.
Terms:
ADl — (signed 26 bits) Main Mixer accumulator data (left channel)
ADr — (signed 26 bits) Main Mixer accumulator data (right channel)
CADl — (signed 23 bits) Chorus Mixer accumulator data (left channel)
CADr — (signed 23 bits) Chorus Mixer accumulator data (right channel)
RADl — (signed 23 bits) Chorus Mixer accumulator data (left channel)
RADr — (signed 23 bits) Chorus Mixer accumulator data (right channel)
(1) Main Mixer:
20-bit VDl, VDr should be expanded to 26-bit before addition.
Before ADl, ADr are sent to M_FIFO, 26-bit data should be converted to 20-bit with overflow and underflow consideration.
(2) Chorus Mixer:
17-bit CSDl, CSDr should be expanded to 23-bit before addition.
Before CADl, CADr are sent to C_FIFO, 23-bit data should be converted to 16-bit with overflow and underflow consideration.
17-bit RSDl, RSDr should be expanded to 23-bit before addition.
Before RADl, RADr are sent to R_FIFO, 23-bit data should be converted to 16-bit with overflow and underflow consideration.
4.1.6 LFO
LFO (Low Frequency Oscillator) is used to generate a low frequency sine wave, with which the sample wave is modulated in both
frequency domain and amplitude domain.
Each channel of Bank A has it’s own LFO, but all Bank B channels share one global LFO.
An 8-bit programmable counter (LFO counter) is employed for frequency control. It’s clock rate can be selected to be 48 kHz, 12
kHz, 3 kHz or 750 Hz .
A 4-bit incremental/decremental counter (SIN counter) is used to generate sine wave — sin[3:0] with one sign bit — SIN_S. Ev-
erytime an 8-bit LFO counter counts down to ‘0’, the SIN counter will count up or down once and the LFO counter will reload
LFO_INIT.
The SIN counter works like the following:
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com