Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 27Page - National Semiconductor (TI) LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) LM4560 Datasheet HTML 30Page - National Semiconductor (TI) LM4560 Datasheet HTML 31Page - National Semiconductor (TI) LM4560 Datasheet HTML 32Page - National Semiconductor (TI) LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
3.0 Register Description (Continued)
Bit 13 selects unsigned/signed sample data
0: unsigned
1: signed
Bit 12 is loop mode enable bit.
0: disable
1: enable
Bit 11–0 (VOL) is channel volume attenuation in format of
6.6. 000h stands for 0 dB attenuation, FFFh stands for mute.
3.4.9.31 F4h_A (EBUF1) (Bank A Only)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + F4h (index mode) || Audio MEM
Base + 814h + 20h*CIR (direct access mode,
CIR: channel index) (CIR<32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: Envelope Buffer 1
This register and next one provide envelope double buffer.
Bit 31–30 (AMS_H) is Amplitude Modulation Step High part.
Bits 29–28 (EMOD) define operation mode.
00: DEC mode (ramp from 0 dB to −64 dB)
In this mode, bits 7–0 of this register are used as ECNT
which stores current state of a 8-bit counter; bits 15–8 of this
register are used as EINIT which provides initial value of that
8-bit counter; bits 27–16 of this register are used as EAMT
which is the absolute ramping amount with range from 0 dB
to 63 and 63/64 dB. Every 48 kHz clock, ECNT decrease 1;
every time when ECNT=00h, it reload EINIT, EAMT de-
crease 1, and Ec decrease 1; every time when EAMT=00h,
envelope engine will toggle buffer flag in global register
CEBC.
01: INC mode ( ramp from −64 dB to 0 dB )
In this mode, the layout of this register is completely the
same as in DEC mode. Engine works in the same way ex-
cept that the ramp direction is from −64 dB to 0 dB.
10: Delay mode
In this mode, bits 27–26 are used to select sub-mode:
00: Delay_hold
01: Delay_start
10: Delay_stop
11: reserved
19–0 is used as EDLY which store the current state of a 20-
bit delay counter, bits 25–20 are of no use. Every 48 kHZ
clock, EDLY decrease 1. During all the time this buffer active,
Ec keep unchanged.
In Delay_hold sub-mode, when EDLY =00000h, engine will
toggle current buffer flag in global register CEBC.
In Delay_start sub-mode, when EDLY =00000h, engine will
reset DLY flag register.
In Delay_stop sub-mode, when EDLY =00000h, engine will
reset start/stop flag register.
11: Still mode
In this mode, Ec keep unchanged, buffer never toggle auto-
matically. Only when CEBC is written, buffer may toggle.
3.4.9.32 F8h_A (EBUF2) (Bank A Only)
This register can be accessed in index mode or direct ac-
cess mode.
Address:
AudioBase + F8h (index mode) || Audio MEM
Base + 818h + 20h*CIR (direct access mode,
CIR: channel index) (CIR<32)
Size:
32 bits
Type:
Read/Write
Default:
XXXXXXXXh
Description: Envelope Buffer 2
EBUF2 is totally as the same as EBUF1 except that bits
31–30 are AMS_L (Amplitude Modulation Step Low part).
4.0 Functional Description
DS100910-1
FIGURE 2. LM4560 Block Diagram
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com