Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 23Page - National Semiconductor (TI) LM4560 Datasheet HTML 24Page - National Semiconductor (TI) LM4560 Datasheet HTML 25Page - National Semiconductor (TI) LM4560 Datasheet HTML 26Page - National Semiconductor (TI) LM4560 Datasheet HTML 27Page - National Semiconductor (TI) LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) LM4560 Datasheet HTML 30Page - National Semiconductor (TI) LM4560 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
3.0 Register Description (Continued)
This register will show a flag which indicates the Bank B’s
current sample is in a range between ESO/2 to ESO or in a
range before ESO/2 (ESO is offset from loop begin to loop
end). And this flag will be used for sample data double buff-
ering control. Bit n is for channel n.
0: Before ESO/2
1: From ESO/2 to ESO
When channel n is stopped, bit n will be reset to ‘0’.
3.4.9.17 SBBL & SBCL (Sound Blaster Base Block
Length & Current Block Length)
Address: AudioBase + C0h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
SBBL(Bit 31–16) is sound blaster base block length
SBCL(Bit 15–0) is current value of sound blaster block
length counter
If sound blaster DMA loop is enabled (SBCTRL[3]=1), every
time when SBCL changed from 0 to FFFFh, a INT will be is-
sued, the contents of SBCL is reloaded from SBBL, and
DMA operation continues.
If sound blaster DMA loop is not enabled (SBCTRL[3]=0),
every time when SBCL changed from 0 to FFFFh, a INT will
be issued, the contents of SBCL is reloaded from SBBL, and
set LegacyCMD to 101(pause).
SBCTRL bit 7 is used to determine the counter operation
mode (byte count or word count). The counter is a count
down counter.
3.4.9.18 SBCTRL & SBE2R & SBDD (Sound Blaster
Control)
Address:
AudioBase + C4h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Description SBE2R (Sound Blaster DMA Testing Byte Data
Register)
SBDD (Sound Blaster Direct Playback Date
Register)
SBCTRL (Sound Blaster Control)
SBE2R(Bit 31–24) is sound blaster DMA testing byte com-
mand data port (write only)
Any time after Bit 31–24 has ever been written, E2Status
(source from wave engine) will be set high. E2Status will be
cleared after the testing byte has been sent to the system lo-
cation.
SBDD(Bit 15–8) is sound blaster direct mode playback data
port
SBCTRL(Bit 7–0) is legacy sound blaster voice in/out control
register
Bit 7
0 8 bit data format
1 16 bit data format
Bit 6
0 mono
1 stereo
Bit 5
0 unsigned data format
1 signed data format
Bit 4
0 playback
1 recording
Bit 3 sound blaster DMA loop enable control
0 loop disabled.
1 loop enabled.
Bit 2..0 LegacyCMD
000 stop: No any operation. No contribution to Digital Mixer
001 run: Normal operation.
010 silent_DMA : SBCL will count; CA, CBC won’t count. No
data fetching. No interpolation. No contribution to Digital
Mixer
011 reserve
100 silent_SB : SBCL, CA & CBC will count as the same as
run mode. No data fetching. No interpolation. No contribution
to Digital Mixer
101 pause: SBCL, CA & CBC don’t change.
let SBALPHA unchanged, CACHE_HIT=1 drive current LD
(or LD_L, LD_R) to Digital Mixer
110 reserve
111 Direct_playback: SBCL, CA & CBC don’t change.
drive SBDD to Digital Mixer
All other bits are reserved bits.
3.4.9.19 STimer (Playback Sample Timer)
Address: AudioBase + C8h
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit 31–0 (STimer) will show current state of the sample timer
counter which will count up every f48k clock and will be reset
when RST_Stimer bit being written. Active high.
3.4.9.20 LFO_B And I2S_DELTA (Bank B Low
Frequency Oscillator Control)
Address: AudioBase + CCh
Size:
32 bits
Type:
Read/Write
Default:
00000000h
Bit 31–27 Reserved–Read Only 00000b
Bit 26–16 is used for Bank B LFO control.
Bit 26 (LFO_E_B) is Bank B LFO enable bit.
0: disabled
1: enabled
Bits 25–24 (LFO_R_B) is clock rate select of Bank B LFO
counter.
00: LFO counter clock rate is 48 kHz
01: LFO counter clock rate is 48 kHz/4
10: LFO counter clock rate is 48 kHz/16
11: LFO counter clock rate is 48 kHz/64
Bits 23–16 (LFO_INIT_B)is the initial value of the Bank B
LFO counter which will count down to 0 then reload.
Bit 15–13 reserved.
Bit 12–0 (I2S_DELTA) (Read only) This register returns the
auto-detected DELTA of I2S input (f
i2s/f48k).
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com