Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 22Page - National Semiconductor (TI) LM4560 Datasheet HTML 23Page - National Semiconductor (TI) LM4560 Datasheet HTML 24Page - National Semiconductor (TI) LM4560 Datasheet HTML 25Page - National Semiconductor (TI) LM4560 Datasheet HTML 26Page - National Semiconductor (TI) LM4560 Datasheet HTML 27Page - National Semiconductor (TI) LM4560 Datasheet HTML 28Page - National Semiconductor (TI) LM4560 Datasheet HTML 29Page - National Semiconductor (TI) LM4560 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
3.0 Register Description (Continued)
Bit 2 (SB_IRQ) is sound blaster IRQ bit. Active high.
Bit[2] = sbirq (signal from Legacy Audio block)
Bit 3 (MPU401_IRQ) is MPU401 IRQ bit. Active high.
Bit[3] = mpu401irq (signal from Legacy Audio block)
Bit 4 (OPL3_IRQ) is OPL3 timer IRQ bit. Active high.
Bit[4] = timerirq & opltimer_ie
Bit 5 (ADDRESS_IRQ) is Wave-table Address Engine IRQ
bit. Active high.
Bit[5]=(| AINT_A[31:0])|(| AINT_B[31:0] )
Bit 6 (ENVELOPE_IRQ) is Wave-table Envelope Engine IRQ
bit. Active high.
Bit[6] = | EINT[31:0]
Bit 7 (ST_IRQ) is Sample Timer IRQ bit. Active high.
Bit[7] = ST_IRQ_En | ST_TARGET_REACHED
Bit [9:8] (read/write) are current status bits of wave-table &
legacy audio engine.
Bit 8 (PB_UNDERUN) is playback FIFO underrun status bit.
Active high.
This bit will be set to ‘1’ if playback is running & FIFO is
empty & f48 clock is coming.
Bit 9 (REC_OVERUN) is recording overrun status bit. Active
high.
This bit will be set to ’1’ if recording is running & rec_req_ is
active & data_rdy haven’t come.
Bit 10 (mixer_underflow_flag) is a flag which indicates the re-
sult of mixer accumulator is less than 80000h.
This bit will be set to ‘1’ once accumulator underflows.
Write ‘1’ will clear this bit.
Bit 11 (mixer_overflow_flag) is a flag which indicates the re-
sult of mixer accumulator exceeds 7FFFFh.
This bit will be set to ‘1’ once accumulator overflows.
Write ‘1’ will clear this bit.
Bit 15 (ST_TARGET_REACHED) is a flag with ‘1’ indicates
STIMER counter has been equal to ST_TARGET.
This bit will be set to ‘1’ once STIMER counter is equal to
ST_TARGET.
Write ‘1’ will clear this bit.
Bit 16 (PB_24K_MODE) is playback 48k/24k mode control
bit.
0: (default) Wave engine drives sample to CODEC at 48 kHz
1: Wave engine drives sample to CODEC at 24 kHz (in this
mode, Delta should be programmed twice as that in 48Khz
mode).
Bit 17 (opltimer_ie) is OPL3 timer interrupt enable bit.
0: disable
1: enable
Bit 23 (ST_IRQ_En) is ST IRQ enable bit.
0: disable
1: enable
Bit 24 (ACGPIO_IRQ) is AC97 GPIO interrupt request.
ACGPIO_IRQ = Reg4Ch[1] & Reg4Ch[3] | Reg4Ch[2] &
Reg4Ch[4].
All other bits are reserved bits.
3.4.9.14 STAR_B (START Command and Status
Register for Bank B)
Address: AudioBase + B4h
Size:
32 bits
Type:
Read/Write
Default:
0000h
This register and STOP_B are used as Bank B channel start/
stop command register when they are written, and used as
Bank B channel running/stopped status register when they
are read. Bit n is for channel n.
Reading from this I/O port will return the running/stopped
status of Bank B 32 voice channels.
0: Stopped.
When bit n is read as ‘0’, it means any operation of channel
n, including address generation, sample data fetching, inter-
polation, and envelope calculation is stopped. And this chan-
nel has no contribution to the digital mixer. This bit will be re-
set from ‘1’ to ‘0’ in four cases.
(1) when a ‘1’ is written to the corresponding bit in register
STOP_B.
(2) when out of data, i.e. when sample loop disabled and
CSO (Current Sample Offset)
≥ ESO (End Sample Offset).
when Ec (current envelope) drops down to −63.984375 dB.
when current envelope buffer is in delay-stop mode, and
EDLY count down to ‘0’.
1: Running.
When bit n is read as ‘1’, it means channel n is working. This
bit will be set from ‘0’ to ‘1’ only when a ‘1’ is written to the
corresponding bit in register START_B.
Writing to this I/O port means issuing a start command to ad-
dress engine and envelope engine in expected channel.
0: Ignore.
A ‘0’ written to bit n will not change the status of channel n.
1: Start.
A ‘1’ written to bit n will start channel n’s address engine and
envelope engine and also set the status bit n to ‘1’.
3.4.9.15 STOP_B (Channel STOP Command and Status
Register for Bank B)
Address: AudioBase + B8h
Size:
32 bits
Type:
Read/Write
Default:
0000h
Reading from this I/O port will return the same value as from
the last register START_B.
Writing to this I/O port means issuing a stop command to ad-
dress engine and envelope engine in expected channel.
0: Ignore.
A ‘0’ written to bit n will not change the status of channel n.
1: Stop.
A ‘1’ written to bit n will stop channel n’s address engine and
envelope engine, and also reset the corresponding status bit
to ‘0’.
3.4.9.16 CSPF_B (Bank B Current Sample Position
Flag)
Address: AudioBase + BCh
Size:
32 bits
Type:
Read/Write
Default:
00000000h
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com