Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4560 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4560
Description  Advanced PCI Audio Accelerator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4560 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM4560 Datasheet HTML 30Page - National Semiconductor (TI) LM4560 Datasheet HTML 31Page - National Semiconductor (TI) LM4560 Datasheet HTML 32Page - National Semiconductor (TI) LM4560 Datasheet HTML 33Page - National Semiconductor (TI) LM4560 Datasheet HTML 34Page - National Semiconductor (TI) LM4560 Datasheet HTML 35Page - National Semiconductor (TI) LM4560 Datasheet HTML 36Page - National Semiconductor (TI) LM4560 Datasheet HTML 37Page - National Semiconductor (TI) LM4560 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
4.0 Functional Description (Continued)
4.1.3 Envelope engine
Low frequency AM, Envelope calculation and PAN are processed by Envelope Engine.
Terms:
Ec (12 bits) — Current envelope value in format of 6.6
AMS_H (2 bits) — Higher 2 bits of AMS
AMS_L (2 bits) — Lower 2 bits of AMS
AMS (4 bits) — Amplitude Modulation Step in format of 0.004 (right aligned with Ec)
SIN (4 bits) — current state of sin counter
AMA (8 bits) — Amplitude Modulation Amount in format of 2.6
VOL (8 bits) — Volume Attenuation per channel in format of 5.3
GVSEL (1 bit) — Global volume select bit
MUSICVOL_L (8 bits) — global music volume attenuation Left (6.2)
MUSICVOL_R (8 bits) — global music volume attenuation Right (6.2)
WAVEVOL_L (8 bits) — global wave volume attenuation Left (6.2)
WAVEVOL_R (8 bits) — global wave volume attenuation Right (6.2)
Eva (12 bits) — Current envelope after Volume attenuation
ATTNU_L (8 bits) — Left attenuation.
ATTNU_R (8 bits) — Right attenuation.
PAN (7 bits) — Positioning Attenuation (4.2 with one select bit)
EL (12 bits) — Left channel envelope value after PAN(6.6)
ER (12 bits) — Right channel envelope value after PAN(6.6)
VL (12 bits) — Left channel volume after anti-log operation
VR (12 bits) — Right channel volume after anti-log operation
EMOD (3 bits) — Envelope operation mode
ECNT (8 bits) — Envelope ramp counter
EINIT (8 bits) — Initial value of ECNT
EAMT (12 bits) — Envelope ramp amount
EDLY (20 bits) — Envelope delay counter
CEBF (1 bit) — Current Envelope Buffer Flag
4.1.4 Interpolation & Volume Adjusting
This multiply-add block process interpolation & volume adjusting.
Terms:
D1 (16 bits) — Current sample data (in MONO mode)
D1_L (16 bits) — Current sample data Left (in Stereo mode)
D1_R (16 bits) — Current sample data Right (in Stereo mode)
D2 (16 bits) — Sample data next to D1 (in MONO mode)
D2_L (16 bits) — Sample data next to D1_L (in Stereo mode)
D2_R (16 bits) — Sample data next to D1_R (in Stereo mode)
D (16 bits) — Data after interpolation (in MONO mode)
D_L (16 bits) — Data after interpolation Left (in Stereo mode)
D_R (16 bits) — Data after interpolation Right (in Stereo mode)
VL (12 bits) — Dry volume (Left)
VR (12 bits) — Dry volume (Right)
CVOL(7 bits) — Chorus Send Volume
RVOL(7 bits) — Reverb Send Volume
VDl (signed 20 bits) — volume adjusted Dry data (left)
VDr (signed 20 bits) — volume adjusted Dry data (right)
CSDl (signed 17 bits) — Chorus Send data (left)
CSDr (signed 17 bits) — Chorus Send data (right)
RSDl (signed 17 bits) — Reverb Send data (left)
RSDr (signed 17 bits) — Reverb Send data ( right )
1) Data conversion:
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com