Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 21Page - National Semiconductor (TI) PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) PC87306 Datasheet HTML 24Page - National Semiconductor (TI) PC87306 Datasheet HTML 25Page - National Semiconductor (TI) PC87306 Datasheet HTML 26Page - National Semiconductor (TI) PC87306 Datasheet HTML 27Page - National Semiconductor (TI) PC87306 Datasheet HTML 28Page - National Semiconductor (TI) PC87306 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
20 Configuration Registers (Continued)
1 Half Duplex The receiver input is blocked to 1
while the transmitter is busy from the begin-
ning of the start bit till the end of the stop
bit(s)
Bits 2 – 3
Reserved
Bit 4
Encoded IR transmitter drive control bit
0 When IRTX is active it is active for 16 ms
1 When IRTX is active it is active for 316 baud
In Normal (MODEM) Mode and in Non Encoded
IR mode this bit is ignored
Bit 5
EncodedNon Encoded IR mode
0 Encoded Mode UART2’s SOUT is encoded
and routed to the IRTX pin and the IRRX pin is
decoded and routed to UART2’s SIN
1 Non Encoded Mode UART2’s SOUT is invert-
ed and routed to the IRTX pin and the IRRX is
routed to UART2’s SIN
In Normal (MODEM) Mode this bit is ignored
Bits 6 – 7
Reserved
2518 General Purpose IO Port Base Address
Configuration Register (GPBA Index e 0Fh)
This register holds address bits A2 – 9 of the GPIO Ports
base address Bit 0 holds A2
The other 8 bits of the 16-bit base address are 0 The base
address is therefore composed as follows
A15
A10
A9
A2
A1
A0
0
GPBA
0
GPIO Port 1 is at the base address and GPIO Port 2 at the
base address a 1
Upon reset GPBA is initialized to 00011110 thus dictating
base address e 78h
2519 SuperIO Configuration Register 0 (SCF0
Index e 12h)
See Table 2-1 for reset value
Bit 0
RTC RAM lock bit Once this bit is set to 1 it can
only be cleared by a hardware reset
0 Read and write access to locations 38 – 3Fh of
the RTC RAM is not blocked
1 Read and write access to locations 38 – 3Fh of
the RTC RAM is blocked Writes are ignored
and reads return FFh
Note that bit 7 of the PCR register also affects
RTC RAM locking even when this bit is 0
Bit 1
IRQ1 and IRQ12 latch enable
0 Hardware latching is disabled (8042 compati-
ble mode)
1 Hardware latching is enabled (IRQ latching
mode)
Bit 2
IRQ12 TRI-STATE control bit
0 IRQ12 is driven with quasi-bidirectional buffer
1 IRQ12 output is in TRI-STATE mode and
IRQ12 input is masked to 1
Bit 3
UART2 TRI-STATE control bit UART2 and IR
outputs except IRQ3 and IRQ4 pins are in TRI-
STATE and the inputs are blocked to reduce
their leakage current when this bit is 1 and either
UART2 is disabled or the PC87306 is in power-
down mode
See Section 7 for further information
Bit 4
General Purpose IO Port 1 (GPIO10 – 17) En-
able
0 GPIO Port 1 Disabled Accesses to GPIO Port
1 is ignored
1 GPIO Port 1 Enabled GPIO Port 1 responds to
non DMA read and write accesses
Bit 5
General Purpose IO Port 2 (GPIO20 – 27) En-
able
0 GPIO Port 2 Disabled Accesses to GPIO Port
2 is ignored
1 GPIO Port 2 Enabled GPIO Port 2 responds to
non DMA read and write accesses
Bit 6
Reserved
Bit 7
Reserved
Upon reset the non reserved bits of SCF0 are initialized to
either 0x000000 or 0x110000 according to the CFG1 strap
pin
2520 SuperIO Configuration Register 1 (SCF1
Index e 18h)
Upon reset the implemented bits are initialized to 0
Bit 0
Reserved
Bits 1 2
Reported ECP DMA number as reflected on bits
0 and 1 of the CNFGB ECP register Bit 2 of
SCF1 is reflected on bit 1 of CNFGB and bit 1 of
SCF1 on bit 0 of CNFGB Microsoft’s ECP Proto-
col and ISA Interface Standard defines these bits
as follows (bit 1 of CNFGB is MSB)
00 Jumpered 8-bit DMA
01 DMA channel 1 selected
10 DMA channel 2 selected
11 DMA channel 3 selected
Bit 3
Selected ECP DMA pins
0 PDRQ0 and PDACK0 pins are used for ECP
DMA
1 PDRQ1 and PDACK1 pins are used for ECP
DMA
Note
(For bits 1–3) It is the (PnP BIOS) softwares responsi-
bility to match the DMA channel number as reflected in
the CNFGB register to the selected channel (for the
given wiring of those pins to the host DMA channel
pins) ie to match the value written in bits 2–1 to the
value of bit 3 according to the PC87306 wiring
Bits 4 5
Reserved
Bits 6 7
These bits are general purpose scratch bits
When bit 3 of the FCR is 0 the bits are read
write bits When bit 3 of the FCR is 1 the bits are
read-only After reset they are readwrite bits
Once the bits are changed to be read-only they
can be changed back to be readwrite bits only
by assertion of reset
2521 LPT Base Address Register (LPTBA Index e
19h)
This register holds address bits A2 – 9 of the parallel port
base address when LPTA is selected via bits 0 1 of FAR
ie when bit 1 of FAR is 0 and bit 0 of FAR is 1 Bit 0 of
LPTBA holds A2 The other eight bits of the 16-bit base
address (ie A0 – 1 and A10 – 15) are 0 The base address is
therefore composed as follows
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com