Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 53Page - National Semiconductor (TI) PC87306 Datasheet HTML 54Page - National Semiconductor (TI) PC87306 Datasheet HTML 55Page - National Semiconductor (TI) PC87306 Datasheet HTML 56Page - National Semiconductor (TI) PC87306 Datasheet HTML 57Page - National Semiconductor (TI) PC87306 Datasheet HTML 58Page - National Semiconductor (TI) PC87306 Datasheet HTML 59Page - National Semiconductor (TI) PC87306 Datasheet HTML 60Page - National Semiconductor (TI) PC87306 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
50 FDC Functional Description (Continued)
software polling mode The last two modes are called the
Non-DMA modes The DMA mode is used if the system has
a DMA controller This allows the mP to do other tasks while
the data transfer takes place during the Execution Phase If
the Non-DMA mode is used an interrupt is issued for each
byte transferred during the Execution Phase Also instead
of using the interrupt during Non-DMA mode the Main
Status Register can be polled by software to indicate when
a byte transfer is required All of these data transfer modes
work with the FIFO enabled or disabled
5321 DMA ModeFIFO Disabled
The DMA mode is selected by writinga0tothe DMA bit in
the Specify command and by setting the DMA enabled bit
(D3) in the DOR With the FIFO disabled a DMA request
(DRQ) is generated in the Execution Phase when each byte
is ready to be transferred The DMA controller should re-
spond to the DRQ with a DMA acknowledge (DACK) and a
read or write strobe The DRQ is cleared by the leading
edge of the active low DACK input signal After the last byte
is transferred an interrupt is generated indicating the begin-
ning of the Result Phase During DMA operations the chip
select input (CS) must be held high The DACK signal acts
as the chip select for the FIFO in this case and the state of
the address lines A2 – A0 is a don’t care The Terminal
Count (TC) signal can be asserted by the DMA controller to
terminate the data transfer at any time Due to internal gat-
ing TC is only recognized when DACK is low
PC-AT Mode
When in the PC-AT interface mode with the
FIFO disabled the controller is in single byte transfer mode
That is the system has one byte time to service a DMA
request (DRQ) from the controller DRQ will be deasserted
between each byte
PS2 Mode
When in the PS2 mode DMA transfers with
the FIFO disabled are performed differently Instead of a
single byte transfer mode the FIFO is actually enabled with
THRESH e 0Fh Thus DRQ is asserted when one byte has
entered the FIFO during reads and when one byte can be
written to the FIFO during writes DRQ is deasserted by the
leading edge of the DACK input and is reasserted when
DACK goes inactive high This operation is very similar to
Burst mode transfer with the FIFO enabled except that DRQ
is deasserted between each byte
5322 DMA ModeFIFO Enabled
Read Data Transfers
Whenever the number of bytes in the FIFO is greater than
or equal to (16 b THRESH) a DRQ is generated This is the
trigger condition for the FIFO read data transfers from the
floppy controller to the mP
Burst Mode
DRQ remains active until enough bytes have
been read from the controller to empty the FIFO
Non-Burst Mode
DRQ is deasserted after each read trans-
fer If the FIFO is not completely empty DRQ is reasserted
after a 350 ns delay This allows other higher priority DMA
transfers to take place between floppy transfers In addition
this mode allows the controller to work correctly in systems
where the DMA controller is put into a read verify mode
where only DACK signals are sent to the FDC with no RD
pulses This read verify mode of the DMA controller is used
in some PC software The FIFO Non-Burst mode allows the
DACK input from the DMA controller to be strobed which
correctly clocks data from the FIFO
For both the Burst and Non-Burst modes when the last byte
in the FIFO has been read DRQ goes inactive DRQ is then
reasserted when the FIFO trigger condition is satisfied After
the last byte of a sector has been read from the disk DRQ
is again generated even if the FIFO has not yet reached its
threshold trigger condition This guarantees that all the cur-
rent sector bytes are read from the FIFO before the next
sector byte transfer begins
Write Data Transfers
Whenever the number of bytes in the FIFO is less than or
equal to THRESH a DRQ is generated This is the trigger
condition for the FIFO write data transfers from the mPto
the floppy controller
Burst Mode
DRQ remains active until enough bytes have
been written to the controller to completely fill the FIFO
Non-Burst Mode
DRQ is deasserted after each write
transfer If the FIFO is not full DRQ is reasserted after a 350
ns delay This deassertion of DRQ allows other higher priori-
ty DMA transfers to take place between floppy transfers
The FIFO has a byte counter which monitors the number of
bytes being transferred to the FIFO during write operations
for both Burst and Non-Burst modes When the last byte of
a sector is transferred to the FIFO DRQ is deasserted even
if the FIFO has not been completely filled Thus the FIFO is
cleared after each sector is written Only after the floppy
controller has determined that another sector is to be writ-
ten is DRQ asserted again Also since DRQ is deasserted
immediately after the last byte of a sector is written to the
FIFO the system does not need to tolerate any DRQ deas-
sertion delay and is free to do other work
Read and Write Data Transfers
The DACK input signal from the DMA controller may be held
active during an entire burst or it may be strobed for each
byte transferred during a read or write operation When in
the Burst mode the floppy controller deasserts DRQ as
soon as it recognizes that the last byte of a burst was trans-
ferred If DACK is strobed for each byte the leading edge of
this strobe is used to deassert DRQ If DACK is strobed RD
or WR are not required This is the case during the Read-
Verify mode of the DMA controller If DACK is held active
during the entire burst the trailing edge of the RD or WR
strobe is used to deassert DRQ DRQ is deasserted within
50 ns of the leading edge of DACK RD orWR This quick
response should prevent the DMA controller from transfer-
ring extra bytes in most applications
Overrun Errors
An overrun or underrun error terminates the execution of
the command if the system does not transfer data within the
allotted data transfer time (see Section 37) which puts the
controller into the Result Phase During a read overrun the
m
P is required to read the remaining bytes of the sector
before the controller asserts IRQ6 signifying the end of ex-
ecution During a write operation an underrun error termi-
nates the Execution Phase after the controller has written
the remaining bytes of the sector with the last correctly writ-
ten byte to the FIFO and generated the CRC bytes Whether
there is an error or not an interrupt is generated at the end
of the Execution Phase and is cleared by reading the first
Result Phase byte
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com