Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 56Page - National Semiconductor (TI) PC87306 Datasheet HTML 57Page - National Semiconductor (TI) PC87306 Datasheet HTML 58Page - National Semiconductor (TI) PC87306 Datasheet HTML 59Page - National Semiconductor (TI) PC87306 Datasheet HTML 60Page - National Semiconductor (TI) PC87306 Datasheet HTML 61Page - National Semiconductor (TI) PC87306 Datasheet HTML 62Page - National Semiconductor (TI) PC87306 Datasheet HTML 63Page - National Semiconductor (TI) PC87306 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
50 FDC Functional Description (Continued)
250 kbps
TLC12379 – 31
300 kbps
TLC12379 – 32
500 kbps
TLC12379 – 33
1 Mbps
TLC12379 – 34
FIGURE 5-2 PC87306 Dynamic Window Margin Performance
(Typical performance at VDD e 50V 25 C)
window margin (or bit jitter) that the data separator can han-
dle with no read errors Thus the area under the dynamic
window margin curves in
Figure 5-2 is the range of MSV and
bit jitter that the FDC can handle with no read errors The
FDC internal analog data separator has a much better per-
formance than comparable digital data separator designs
and does not require any external components
Note
The dynamic window margin curves were generated using a FlexStar
FS-540 Floppy Disk Simulator and a proprietary dynamic window
margin test program written by National Semiconductor
The controller takes best advantage of the internal analog
data separator by implementing a sophisticated read algo-
rithm This ID search algorithm shown in
Figure 5-3 en-
hances the PLL’s lock characteristics by forcing the PLL to
relock to the crystal reference frequency any time the data
separator attempts to lock to a non-preamble pattern This
algorithm ensures that the PLL is not thrown way out of lock
by write splices or bad data fields
55 CRYSTAL OSCILLATOR
The FDC is clocked by a single 24 MHz signal
An external oscillator circuit must have a duty cycle of at
least 40% – 60% and minimum input levels of 24V and
04V The controller should be configured so that the exter-
nal oscillator clock is input into the X1OSC pin
56 PERPENDICULAR RECORDING MODE
The FDC is fully compatible with perpendicular recording
mode disk drives at all data rates These perpendicular
mode drives are also called 4 Mbyte (unformatted) or
288 Mbyte (formatted) drives which refers to their maxi-
mum storage capacity Perpendicular recording will orient
the magnetic flux changes (which represent bits) vertically
on the disk surface allowing for a higher recording density
than the conventional longitudinal recording methods With
this increase in recording density comes an increase in the
data rate of up to 1 Mbps thus doubling the storage capaci-
ty In addition the perpendicular 288M drive is readwrite
compatible with 144M and 720k diskettes (500 kbps and
250 kbps respectively)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com