Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 90Page - National Semiconductor (TI) PC87306 Datasheet HTML 91Page - National Semiconductor (TI) PC87306 Datasheet HTML 92Page - National Semiconductor (TI) PC87306 Datasheet HTML 93Page - National Semiconductor (TI) PC87306 Datasheet HTML 94Page - National Semiconductor (TI) PC87306 Datasheet HTML 95Page - National Semiconductor (TI) PC87306 Datasheet HTML 96Page - National Semiconductor (TI) PC87306 Datasheet HTML 97Page - National Semiconductor (TI) PC87306 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
120 Electrical Characteristics (Continued)
1216 Keyboard Controller and Real-Time Clock Pins
0 C–70 C
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Minimum High Level Output Voltage
VIN e VIH or VIL
 P10–P17 P20–P27 (Note 1)
 IOH eb20 mA
24
V
 All other push-pull outputs KBCLK KBDAT
 IOH eb40 mA
24
V
MCLK MDAT (Note 2)
VOL
Maximum Low Level Output Voltage
VIN e VIH or VIL
 P10–P17 P20–P27
 IOL e 20 mA
04
V
 KBDAT KBCLK MCLK MDAT
 IOL e 160 mA
04
V
 All Other Outputs
 IOL e 40 mA
04
V
IIN
Maximum Input Current
 Inputs only A0–A9 AEN CS EA IOR IOW
 VIN e VCC or VSS
10
m
A
PWRGOOD T0 T1
 Inputs with Resistors SS TRI
 VIN e VCC
10
m
A
VIN e VIL
400
m
A
 IOs Only D0–D7
 VIN e VCC or VSS
10
m
A
 IOs with Resistors P10–P17 P20–P27 SYNC
 VIN e VCC
10
m
A
STROBE
VIN e VIL
400
m
A
IBAT
VBAT Quiescent Supply Current
VBAT e 30V
VIN e VCC e VSS e 0V
8
m
A
Real-Time Clock
f e 32768 kHz
Input Leakage
VCC e 50V VBAT e 30V
04
m
A
VBAT
Battery Voltage
24
VCC b 05
V
Note 1
IOH is driven for 10 ns on switch from low to high
Note 2
KBCLK KBDAT MCLK and MDAT are open drain outputs with 10k minimum pull-up resistors
122 AC ELECTRICAL CHARACTERISTICS
1221 AC Test Conditions
TA e 0 Cto a70 C VDD e 50V g 10%
LOAD CIRCUIT
(Notes 1 2 3)
TLC12379 – 66
AC TESTING INPUT OUTPUT WAVEFORM
TLC12379 – 67
Note 1
CL e 100 pF includes jig and scope capacitance
Note 2
S1 e Open for push-pull outputs S1 e VDD for high impedance to active low and active low to high impedance measurements S1 e GND for high
impedance to active high and active high to high impedance measurements RL e 10 kX for mP interface pins
Note 3
For the FDC Open Drive Interface Pins S1 e VDD and RL e 150X
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com