Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) PC87306 Datasheet HTML 89Page - National Semiconductor (TI) PC87306 Datasheet HTML 90Page - National Semiconductor (TI) PC87306 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
TABLE 10-2 RTC Memory Map
Index
Function
BCD Format
Binary Format
Comments
(RAMSEL e 0)
00
Seconds
00 – 59
00 – 3b
RW
01
Seconds Alarm
00 – 59
00 – 3b
RW
02
Minutes
00 – 59
00 – 3b
RW
03
Minutes Alarm
00 – 59
00 – 3b
RW
04
Hours
12 hr e 01 – 12 (AM)
01 – 0c (AM)
RW
12 hr e 81 – 92 (PM)
81 – 8c (PM)
RW
24 hr e 00–23
00–17
R W
05
Hours Alarm
12 hr e 01 – 12 (AM)
01 – 0c (AM)
RW
12 hr e 81 – 92 (PM)
81 – 8c (PM)
RW
24 hr e 00–23
00–17
R W
06
Day of Week
01 – 07
01 – 07 (Sunday e 1)
RW
07
Date of Month
01 – 31
01 – 1f
RW
08
Month
01–12
01 – 0c
RW
09
Year
00 – 99
00 – 63
RW
0A
Control Register A
RW (Bit 7 is Read Only)
0B
Control Register B
RW (Bit 3 is Read Only)
0C
Control Register C
R
0D
Control Register D
R
0E – 7F
Battery-Backed RAM
RW
(114 Bytes)
(RAMSEL e 1)
00 – 7F
Battery-Backed RAM
RW
(128 Bytes)
Rext e 5kX
C1 e 12
x 15 pF
C2 e 15 pF
Cparasitic e 0
x 8pF
TLC12379 – 96
FIGURE 10-13 Oscillator Internal and External Circuitry
The start-up time of this oscillator may vary from two to
seven seconds and is due to the high ‘‘Q’’ of the crystal
The parameters below describe the crystal to be used
Parallel Resonant tuning fork (N cut) or XY Bar
Q l 35k
Load Capacitance (CL)
9 pF to 13 pF
Accuracy
User Choice
Temperature Coefficient
User Choice
1024 Time Keeping
The time is kept in BCD or binary format The format is
determined by bit 2 of Control Register B (DM) Either 12 or
24 hour representation for the hours can be maintained as
determined by bit 1 of Control Register B (2412) Note that
when changing the format the time registers must be re-ini-
tialized to the corresponding data format
Daylight savings and leap year exceptions are handled by
the time keeping function When bit 0 of Control Register A
(DSE) is a ‘‘1’’ time advances from 15959 AM to 30000
on the first Sunday in April On the last Sunday of October
time changes from 15959 to 10000 when daylight savings
is enabled On leap year February is extended to 29 days
The time is updated once per second If a read of the timing
registers coincides with an update data read may not be
valid Also writes to time registers during an update have
undefined results
To avoid accessing invalid data the RTC in the PC87306
provides a user copy of the time registers The sequence
used to update the time registers is shown in
Figure 10-14
Four methods are available for reading and writing time to
ensure that the correct time is written or read They are as
follows
Method 1
Set the SET bit (CRB7)
Set the SET bit to 1 This takes a snapshot of the internal
time registers and loads it into the user copy Then when
the SET bit is written with 0 the user copy will update the
internal registers
Method 2
Access after detection of an Update Ended
Interrupt
This interrupt indicates that an update has just completed
and the next update will occur after 999 ms
Method 3
Poll update-in-progress (bit 7 in Control Reg-
ister A)
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com