Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 15Page - National Semiconductor (TI) PC87306 Datasheet HTML 16Page - National Semiconductor (TI) PC87306 Datasheet HTML 17Page - National Semiconductor (TI) PC87306 Datasheet HTML 18Page - National Semiconductor (TI) PC87306 Datasheet HTML 19Page - National Semiconductor (TI) PC87306 Datasheet HTML 20Page - National Semiconductor (TI) PC87306 Datasheet HTML 21Page - National Semiconductor (TI) PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
20 Configuration Registers (Continued)
TLC12379 – 23
TLC12379 – 25
TLC12379 – 24
FIGURE 2-1 PC87306 Configuration Registers
(Continued)
23 HARDWARE CONFIGURATION
During reset 1 of 4 possible sets of default values are load-
ed into the first five Configuration Registers A strapping
option on two pins (CFG0 1) selects the set of values that is
loaded This allows for automatic configuration without soft-
ware intervention Table 2-1 shows the 4 possible default
configurations The default configuration can be modified by
software at any time after reset by using the access proce-
dure described in the Software Configuration Section
24 INDEX AND DATA REGISTERS
Another general aspect of the Configuration Registers is
that the Index and the Data Register pair can be relocated
to any one of two locations This is controlled through a
hardware strapping option on two pins (BADDR01) and it
allows the registers to avoid conflicts with other adapters in
the IO address space Table 2-2 shows the address op-
tions
TABLE 2-2 Index and Data Register
Optional Locations
BADDR1
BADDR0
Index Addr
Data Addr
0
0
398
399
0
1
26E
26F
1
0
15C
15D
1
1
2E
2F
TABLE 2-1 Default Configurations Controlled by Hardware on Reset
Configuration
Configuration Register Reset Values (Binary)
Activated Functions
on Reset
Pins
CFG1
CFG0
FER
FAR
PTR
KRR
SCF0
0
0
01001011
00000001
00000x00
0x001101
0x110000
PRI (FDC) PRI (IDE)
LPTA COM1 GPIO
KBC RTC
0
1
Reserved Mode
Reserved Mode
1
0
00001111
00010001
00000x00
0x001101
0x000000
PRI (FDC) LPTA COM1
COM2 (non-IR) KBC RTC
1
1
00000000
00010000
00000x00
0x000001
0x000000
All Modules Disabled
(powered-down) except KBC
Where
PRI
is the PRImary floppy or IDE address 3F0 – 7h or
1F0 – 7 3F6 3F7h)
COM1
is the UART address at 3F8 – 3FFh
COM2
is the UART address at 2F8 – 2FFh
LPTA
is the Parallel Port address at 3BC – 3BEh
GPIO
is the General Purpose IO ports 1 and 2 addresses
at 78h and 79h
KBC
is the Keyboard Controller function
using an
X1 d 3 clock
RTC
is the Real-Time Clock function
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com