Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 10Page - National Semiconductor (TI) PC87306 Datasheet HTML 11Page - National Semiconductor (TI) PC87306 Datasheet HTML 12Page - National Semiconductor (TI) PC87306 Datasheet HTML 13Page - National Semiconductor (TI) PC87306 Datasheet HTML 14Page - National Semiconductor (TI) PC87306 Datasheet HTML 15Page - National Semiconductor (TI) PC87306 Datasheet HTML 16Page - National Semiconductor (TI) PC87306 Datasheet HTML 17Page - National Semiconductor (TI) PC87306 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
(Continued)
Symbol
Pin
IO
Function
SIN1 2
110 102
I
Serial Input
This input receives composite serial data from the communications link (eg peripheral
device MODEM or data set)
SLCT
124
I
Select
When a printer is connected it sets this input high This pin has a nominal 25 kX pull-down
resistor attached to it
SLIN
123
IO
Select Input
When this signal is low it selects the printer This pin is a TRI-STATE condition 10 ns
aftera0is loaded into the corresponding Control Register bit The system should pull this pin high
using a 47 kX resistor
SOUT1 2
108 98
O
Serial Output
This output sends composite serial data to the communications link (peripheral
device MODEM or data set) The SOUT signal is set to a marking state (logic 1) after a Master
Reset operation (See BOUT and BADDR1 for further information)
STB
137
IO
Data Strobe
This output indicates to the printer that valid data is available at the printer port This
pin is in a TRI-STATE condition 10 ns after a zero is loaded into the corresponding Control Register
bit The system should pull this pin high using a 47 kX resistor (See WRITE for further information)
STEP
68
O
Step
This output signal issues pulses to the disk drive at a software programmable rate to move
the head during a seek operation
SYSCLK
21
I
System Clock
This input is used as the KBC input clock when bit 7 of KRR is 1
TC
29
I
Terminal Count
Control signal from the DMA controller to indicate the termination of a DMA
transfer TC is accepted only when FDACK or PDACK is active TC is active high in PC-AT mode
and active low in PS2 mode
TRK0
65
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is at
track zero
VBAT
7
Battery
Real-Time Clock battery pin
VDD
160 140
Digital Supply
This is the 5V supply voltage for the digital circuitry
99 57
41 17
VSS
159 149
Digital Ground
This is the ground for the digital circuitry
139 132
121 100
90 80
58 40
32 10
WAIT
126
I
Wait
This signal is used in EPP mode by the parallel port device to extend its access cycle It is
active low (See BUSY and Table 8-5 for further information)
WR
43
I
Write
Active low input to signal to indicate a write from the microprocessor to the controller
WDATA
67
O
Write Data
This output is the write precompensated serial data that is written to the selected floppy
disk drive Precompensation is software selectable
WGATE
66
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE has
been designed to prevent glitches during power up and power-down This prevents writing to the
disk when power is cycled
WP
64
I
Write Protect
This input indicates that the floppy disk in the selected drive is write protected
WRITE
137
O
Write Strobe
This signal is used in EPP mode as a write strobe It is active low (See STB and
Table 8-5 for further information)
X1
30
I
Clock Oscillator
A TTL or CMOS compatible 24 MHz clock is connected to this pin
X1C
8
I
Crystal1 Slow
Input for the internal Real-Time Clock crystal oscillator amplifier
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com