Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 25Page - National Semiconductor (TI) PC87306 Datasheet HTML 26Page - National Semiconductor (TI) PC87306 Datasheet HTML 27Page - National Semiconductor (TI) PC87306 Datasheet HTML 28Page - National Semiconductor (TI) PC87306 Datasheet HTML 29Page - National Semiconductor (TI) PC87306 Datasheet HTML 30Page - National Semiconductor (TI) PC87306 Datasheet HTML 31Page - National Semiconductor (TI) PC87306 Datasheet HTML 32Page - National Semiconductor (TI) PC87306 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
30 FDC Register Description (Continued)
D3
DMA Enable
This bit has two modes of operation
PC-AT mode
Writinga1to this bit enables the
FDRQ FDACK TC and IRQ6 pins Writinga0to
this bit disables the FDACK and TC pins and TRI-
STATE the FDRQ and the IRQ6 pins This bit is a 0
after a reset when in these modes
PS2 mode
This bit is reserved and the FDRQ
FDACK TC and IRQ6 pins are always enabled Dur-
ing a reset the FDRQ FDACK TC and IRQ6 lines
remain enabled and D3 is 0
D2
Reset Controller
Writinga0to this bit resets the
controller It remains in the reset condition until a 1
is written to this bit A software reset does not affect
the DSR CCR and other bits of the DOR A soft-
ware reset affects the Configure and Mode com-
mand bits (see Section 40 FDC Command Set De-
scription) The minimum time that this bit must be
low is 100 ns Thus toggling the Reset Controller bit
during consecutive writes to the DOR is an accept-
able method of issuing a software reset
D1 0
Drive Select
These two bits are binary encoded for
the four drive selects DR0 – DR3 so that only one
drive select output is active at a time (See bit 4 of
FCR for further information)
It is common programming practice to enable both the mo-
tor enable and drive select outputs for a particular drive
Table 3-2 shows the DOR values to enable each of the four
drives
TABLE 3-2 Drive Enable Values
Drive
DOR Value
0
1Ch
12D
24E
38F
Note
The MTR3 MTR2 DRV3 DRV2 pins are only available in four-drive
mode (bit 4 of FER is 1) and require external logic
314 Tape Drive Register (TDR)
ReadWrite
The TDR register is the Tape Drive Register and the floppy
disk controller media and drive type register The register
has three modes of operation (see Table 3-3)
PC-AT Compatible mode
The register is used to assign a
particular drive number to the tape drive support mode of
the data separator All other logical drives can be assigned
as floppy drive support Bits 2 – 7 are TRI-STATE during
read
Automatic Media Sense mode
Bits 5 – 7 are implemented
in addition to the bits of the Compatible PC-AT TDR mode
Bits 2 – 4 are reserved
Enhanced mode
This is the PS2 TDR mode It uses all
the register’s bits for operation with PS2 floppy drives
The use of the TDR bits for each of these modes is shown
in Table 3-3
D7
Extra Density
When bit 5 is 0 this media id bit is
used with bit 6 to indicate the type of media current-
ly in the active floppy drive If bit 5 is 1 it is invalid
This bit holds MSEN1 pin value See Table 3-4 for
details regarding bits 5 – 7
D6
High Density
When bit 5 is 0 this media id bit is
used with bit 7 to indicate the type of media current-
ly in the active floppy drive If bit 5 is 1 it is invalid
This bit holds MSEN0 pin value See Table 3-4 for
details regarding bits 5 – 7
TABLE 3-3 TDR Operation Modes
Mode
FCR
ASC
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Bit 0
Bit 2
PC-AT Compatible
1
0
DESC
XX
X
X
X
X
TAPE
TAPE
SEL 1
SEL 0
RESET
NA
NA
NA
NA
NA
NA
0
0
COND
Automatic Media Sense
0
0
DESC
ED
HD
VALID
XX
X
TAPE
TAPE
DATA
SEL 1
SEL 0
RESET
NA
NA
NA
NA
NA
NA
0
0
COND
Enhanced
or
1
0
1
DESC
ED
HD
VALID
X
SWP1
SWP0
TAPE
TAPE
DATA
SEL 1
SEL 0
RESET
NA
NA
NA
1
0
0
0
0
COND
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com