Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87306 Datasheet HTML 1Page - National Semiconductor (TI) PC87306 Datasheet HTML 2Page - National Semiconductor (TI) PC87306 Datasheet HTML 3Page - National Semiconductor (TI) PC87306 Datasheet HTML 4Page - National Semiconductor (TI) PC87306 Datasheet HTML 5Page - National Semiconductor (TI) PC87306 Datasheet HTML 6Page - National Semiconductor (TI) PC87306 Datasheet HTML 7Page - National Semiconductor (TI) PC87306 Datasheet HTML 8Page - National Semiconductor (TI) PC87306 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Table of Contents
10 PIN DESCRIPTION
20 CONFIGURATION REGISTERS
21 Overview
22 Software Configuration
23 Hardware Configuration
24 Index and Data Registers
25 Base Configuration Registers
251 Function Enable Register
252 Function Address Register
253 Power and Test Register
254 Function Control Register
255 Printer Control Register
256 KBC and RTC Control Register
257 Power Management Control Register
258 Tape UARTs and Parallel Port Configuration
Register
259 SuperIO Identification Register
2510 Advanced SuperIO Configuration Register
2511 Chip Select 0 Low Address
2512 Chip Select 0 High Address
2513 Chip Select 0 Configuration Register
2514 Chip Select 1 Low Address
2515 Chip Select 1 High Address
2516 Chip Select 1 Configuration Register
2517 InfraRed Configuration Register
2518 General Purpose IO Port Base Address
Configuration Register
2519 SuperIO Configuration Register 0
2520 SuperIO Configuration Register 1
2521 LPT Base Address Register
2522 Plug and Play Configuration 0 Register
2523 Plug and Play Configuration 1 Register
26 Power-Down Options
27 Power-Up Procedure and Considerations
271 UART Power-Up
272 FDC Power-Up
30 FDC REGISTER DESCRIPTION
31 FDC Control Registers
311 Status Register A (SRA) Read Only
312 Status Register B (SRB) Read Only
313 Digital Output Register (DOR) ReadWrite
314 Tape Drive Register (TDR) ReadWrite
315 Main Status Register (MSR) Read Only
316 Data Rate Select Register (DSR) Write Only
317 Data Register (FIFO) ReadWrite
318 Digital Input Register (DIR) Read Only
319 Configuration Control Register (CCR)
Write Only
32 Result Phase Status Registers
321 Status Register 0 (ST0)
322 Status Register 1 (ST1)
30 FDC REGISTER DESCRIPTION
(Continued)
323 Status Register 2 (ST2)
324 Status Register 3 (ST3)
40 FDC COMMAND SET DESCRIPTION
41 Command Descriptions
411 Configure Command
412 Dumpreg Command
413 Format Track Command
414 Invalid Command
415 Lock Command
416 Mode Command
417 NSC Command
418 Perpendicular Mode Command
419 Read Data Command
4110 Read Deleted Data Command
4111 Read ID Command
4112 Read A Track Command
4113 Recalibrate Command
4114 Relative Seek Command
4115 Scan Commands
4116 Seek Command
4117 Sense Drive Status Command
4118 Sense Interrupt Command
4119 Set Track Command
4120 Specify Command
4121 Verify Command
4122 Version Command
4123 Write Data Command
4124 Write Deleted Data Command
42 Command Set Summary
43 Mnemonic Definitions for FDC Commands
50 FDC FUNCTIONAL DESCRIPTION
51 Microprocessor Interface
52 Modes of Operation
53 Controller Phases
531 Command Phase
532 Execution Phase
5321 DMA ModeFIFO Disabled
5322 DMA ModeFIFO Enabled
5323 Interrupt ModeFIFO Disabled
5324 Interrupt ModeFIFO Enabled
5325 Software Polling
533 Result Phase
534 Idle Phase
535 Drive Polling Phase
54 Data Separator
55 Crystal Oscillator
56 Perpendicular Recording Mode
57 Data Rate Selection
58 Write Precompensation
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com