Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 55Page - National Semiconductor (TI) PC87306 Datasheet HTML 56Page - National Semiconductor (TI) PC87306 Datasheet HTML 57Page - National Semiconductor (TI) PC87306 Datasheet HTML 58Page - National Semiconductor (TI) PC87306 Datasheet HTML 59Page - National Semiconductor (TI) PC87306 Datasheet HTML 60Page - National Semiconductor (TI) PC87306 Datasheet HTML 61Page - National Semiconductor (TI) PC87306 Datasheet HTML 62Page - National Semiconductor (TI) PC87306 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
50 FDC Functional Description (Continued)
TLC12379 – 30
FIGURE 5-1 FDC Data Separator Block Diagram
If a new command is issued when the FDC is in the middle
of a polling routine the MSR will not indicate a ready status
for the next parameter byte until the poling sequence com-
pletes the loop This can cause a delay between the first
and second bytes of up to 500 ms at 250 kbps
54 DATA SEPARATOR
The internal data separator consists of an analog PLL and
its associated circuitry The PLL synchronizes the raw data
signal read from the disk drive The synchronized signal is
used to separate the encoded clock and data pulses The
data pulses are deserialized into bytes and then sent to the
m
P by the controller
The main PLL consists of five main components a phase
comparator a charge pump a filter a voltage controlled
oscillator (VCO) and a programmable divider The phase
comparator detects the difference between the phase of the
divider’s output and the phase of the raw data being read
from the disk This phase difference is converted to a cur-
rent by the charge pump which either charges or discharg-
es one of three filters which is selected based on the data
rate The resulting voltage on the filter changes the frequen-
cy of the VCO and the divider output to reduce the phase
difference between the input data and the divider’s output
The PLL is ‘‘locked’’ when the frequency of the divider is
exactly the same as the average frequency of the data read
from the disk A block diagram of the data separator is
shown in
Figure 5-1
To ensure optimal performance the data separator incorpo-
rates several additional circuits The quarter period delay
line is used to determine the center of each bit cell and to
disable the phase comparator when the raw data signal is
missing a clock or data pulse in the MFM or FM pattern A
secondary PLL is used to automatically calibrate the quarter
period delay line The secondary PLL also calibrates the
center frequency of the VCO
To eliminate the logic associated with controlling multiple
data rates the FDC supports each of the four data rates
(250 300 500 kbps and 1 Mbps) with a separate optimized
internal filter The appropriate filter for each data rate is au-
tomatically switched into the data separator circuit when the
data rate is selected via the Data Rate Select or Configura-
tion Control Register These filters have been optimized
through lab experimentation and are designed into the con-
troller to reduce the external component cost associated
with the floppy controller
The FDC has a dynamic window margin and lock range per-
formance capable of handling a wide range of floppy disk
drives Also the data separator works well under a variety of
conditions including the high motor speed fluctuations of
floppy compatible tape drives
Figure 5-2 shows the floppy disk controller dynamic window
margin performance at the four different data rates Dynam-
ic window margin is the primary indicator of the quality and
performance level of the data separator This measurement
indicates how much motor speed variation (MSV) of the
drive spindle motor and bit jitter (or window margin) can be
tolerated by the data separator
MSV is shown on the x-axis of the dynamic window margin
graph MSV is translated directly to the actual data rate of
the data as it is read from the disk by the data separator
That is a faster than nominal motor will result in a higher
frequency in the actual data rate
The dynamic window margin performance curves also indi-
cate how much bit jitter (or window margin) can be tolerated
by the data separator This parameter is shown on the
y-axis of the graphs Bit jitter is caused by the magnetic
interaction of adjacent data pulses on the disk which effec-
tively shifts the bits away from their nominal positions in the
middle of the bit window Window margin is commonly mea-
sured as a percentage This percentage indicates how far a
data bit can be shifted early or late with respect to its nomi-
nal bit position and still be read correctly by the data sepa-
rator If the data separator cannot correctly decode a shifted
bit then the data is misread and a CRC results
The dynamic window margin performance curves contain
two pieces of information 1) the maximum range of MSV
(also called ‘‘lock range’’) that the data separator can han-
dle with no read errors and 2) the maximum percentage of
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com