Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 9Page - National Semiconductor (TI) PC87306 Datasheet HTML 10Page - National Semiconductor (TI) PC87306 Datasheet HTML 11Page - National Semiconductor (TI) PC87306 Datasheet HTML 12Page - National Semiconductor (TI) PC87306 Datasheet HTML 13Page - National Semiconductor (TI) PC87306 Datasheet HTML 14Page - National Semiconductor (TI) PC87306 Datasheet HTML 15Page - National Semiconductor (TI) PC87306 Datasheet HTML 16Page - National Semiconductor (TI) PC87306 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
(Continued)
Symbol
Pin
IO
Function
IRQ8
13
O
Interrupt 8
Real-Time Clock interrupt request output This is an open-drain output
IRQ12
4
IO
Interrupt 12
KBC’s mouse interrupt generated from internal P25 of the KBC
KBCLK
94
IO
Keyboard Clock
output Connected internally to KBC’s T0
KBDAT
93
IO
Keyboard Data
output Connected internally to KBC’s P10
MCLK
91
IO
Mouse Clock
output Connected internally to KBC’s T1
MDAT
92
IO
Mouse Data
output Connected internally to KBC’s P11
MR
20
I
Master Reset
Active high input that resets the controller to the idle state and resets all disk
interface outputs to their inactive states The DOR DSR CCR Mode command Configure
command and Lock command parameters are cleared to their default values The Specify
command parameters are not affected The Configuration Registers are set to their selected
default values
MSEN01
79 78
I
Media Sense
These pins are Media Sense input pins when bit 0 of FCR is 0 Each pin has a
40 kX internal pull-up resistor
MTR0 1
75 72
O
FDC Motor Select 0 1
These are the motor enable lines for drives 0 and 1 and are controlled by
bits D7 – D4 of the Digital Output register They are active low outputs They are encoded with
information to control four FDDs when bit 4 of the Function Enable Register (FER) is set MTR0
exchanges logical motor values with MTR1 when bit 4 of FCR is set (See DR01 )
P12 – P17
141 – 146
IO
KBC IO Port
Quasi-bidirectional port for general purpose input and output
P20 21
147 148
IO
KBC IO Port
Open-drain port for general purpose input and output
PD0 – 7
136 – 133
IO
Parallel Port Data
These bidirectional pins transfer data to and from the peripheral data bus and
the parallel port Data Register These pins have high current drive capability (See DC Electrical
131 – 128
Characteristics)
PDACK0 1
26 138
I
Parallel Port DMA Acknowledge
Active low input to acknowledge a connected printer’s DMA
request and enable the RD and WR inputs during a DMA transfer These inputs are valid only in
Enhanced Capabilities Port (ECP) mode At any given moment one of these two pins is
connected The pin which is not selected is ignored See bit 3 of SCF1 for pin selection
PDRQ0 1
25 70
O
Parallel Port DMA Request
Active high output which signals the DMA controller that a printer
data transfer is required These outputs are valid only in ECP mode These pins are in TRI-STATE
when not selected At any given moment one of these two pins is connected See bit 3 of SCF1
for pin selection
PE
125
I
Parallel Port Paper End
This input is set high by a connected printer which is out of paper This
pin has a nominal 25 kX pull-down resistor attached to it
RD
44
I
Read
Active low input to signal a data read by the microprocessor
RDATA
63
I
FDC Read Data
This input is the raw serial data read from the floppy disk drive
RI1 2
105 95
I
Ring Indicator
When low this indicates that a telephone ring signal has been received by the
MODEM The RI signal is a MODEM status input whose condition the CPU can test by reading bit
6 (RI) of the MODEM Status Register (MSR) for the appropriate serial channel Bit 6 is the
complement of the RI signal Bit 2 (TERI) of the MSR indicates whether the RI input has changed
from low to high since the previous reading of the MSR
Note
When the TERI bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
RTS1 2
109 101
O
Request to Send
When low this output indicates to the MODEM or data set that the UART is
ready to exchange data The RTS signal can be set to an active low by programming bit 1 (RTS)
of the MODEM Control Register to a high level A Master Reset operation sets this signal to its
inactive (high) state Loop mode operation holds this signal to its inactive state (See BADDR0 for
further information)
SELCS
87
I
National Strap Pin
A40kX internal pull-up resistor Do not pull this pin low during reset (See
CS0CF bit 7)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com