Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 80Page - National Semiconductor (TI) PC87306 Datasheet HTML 81Page - National Semiconductor (TI) PC87306 Datasheet HTML 82Page - National Semiconductor (TI) PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
RAM locations 0h – 7h are used as register bank0 They are
designated as R0 – R7 respectively Register bank1 (R0 –
R7 ) are located in 18h – 1Fh of the address map Bank0 is
the default register bank when the chip comes out from re-
set Bank switching is accomplished by using ‘‘register bank
select’’ instructions (SEL RB0 SEL RB1) Locations 8h –
17h are reserved for the stack Each stack entry consists of
2 bytes
Figure 10-6 shows the organization of the stack
The stack pointer in the PSW register points to the top of
the stack A0inthe stack pointer corresponds to RAM
locations 8h and 9h
TLC12379 – 52
FIGURE 10-6 Keyboard Controller Stack Organization
Program Status Word Register (PSW)
This 8-bit register holds the program execution status The
bit definition of the PSW register is shown in
Figure 10-7
CY
AC
F0
BS
res
SP k20l
bit
7
6
5
4
3
2-0
FIGURE 10-7 PSW Register Bits
Bit 7
CY Carry flag of the accumulator
Bit 6
AC Auxiliary Carry flag of the accumulator ie
carry from bit 3 to 4 of the ALU
Bit 5
F0 Flag 0 A general purpose software flag
Bit 4
BS The current active register bank
0 e bank 0 1 e bank 1
Bit 3
Reserved User should not change its power-up
value
Bits 2-0
Stack Pointer 3-bit Stack Pointer for 8-level stack
When the CPU performs a subroutine call or interrupt call
the PC and the upper 4 bits of the PSW are pushed into the
stack Upon return the PSW can be restored in option If a
RETR Return instruction is executed PSW is restored PSW
is not restored if an RET Return instruction is executed See
Figure 10-6
1014 IO Interface
The keyboard controller of the PC87306 provides 16 gener-
al purpose IO lines two open-collector output lines and
two input lines as shown in the Functional Block Diagram in
Figure 10-1
General Purpose IO
The 16 general purpose IO lines P12 – P17 and P20 – P21
are mapped to Port 1 and Port 2 respectively These IO
lines are quasi-bidirectional because the output buffer can-
not be turned off even if the IO line is intended for input
Whena0is written to an IO line it behaves like an output
Whena1is written to an IO line it behaves like an input
On reset all IO lines are inputs
Figure 10-8 illustrates the structure of the IO line Q1 and
Q2 are the normal output transistors When the IO line is
intended for output 0 is written into the flip-flop which latch-
es and Q2 turns on When 1 is written Q1 turns on briefly
because it is gated by a short port-write pulse also Q1
charges up the pad to near VCC and then turns off An ac-
tive pull-up transistor Q3 turns on also but it provides a
large pull-up resistance because it is a weak transistor At
this stage the IO line can be used as input a low imped-
ance low voltage can override the pin and the input buffer
reads a low level input If the pin is driven high or undriven a
high level is read Therefore to use a port pin as input a
logic 1 must first be written to it When the keyboard control-
ler is reset all port lines will be initialized to logic 1
Because Q1 turns on momentarily when a write to the port
is performed there is potential for a current surge A series
resistor connected to those port lines used as inputs is rec-
ommended to limit the potential surge
(Figure 10-9)
TLC12379 – 54
FIGURE 10-8 Active Pull-Up IO Port Structure
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com