Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 82Page - National Semiconductor (TI) PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) PC87306 Datasheet HTML 89Page - National Semiconductor (TI) PC87306 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
Timer Interrupt
If the timer interrupt is enabled upon the timer overflow an
interrupt occurs It causes the program to perform a subrou-
tine call to program address 007h The interrupt is cleared
by this subroutine call The current Program Counter (PC)
and the upper 4 bits of the PSW is pushed into the stack
before the call occurs At the end of the timer interrupt serv-
ice routine an RETR instruction restores the PSW and the
PC Because the timer interrupt has a lower priority than the
IBF interrupt simultaneous IBF and timer interrupts cause
the timer interrupt to be pending It is served as soon as the
program returns from the IBF interrupt service routine
Input Buffer Full (IBF) Interrupt
If the lBF interrupt is enabled when there is a host write
operation to the keyboard controller (IOW e 0) an interrupt
occurs The processor saves the current Program Counter
and the upper 4 bits of the PSW into the stack and performs
a subroutine call to the program address 003h Upon enter-
ing the interrupt service routine further interrupts are held
off The interrupt is re-enabled upon the execution of the
RETR instruction
1017 Oscillator and Instruction Timing
The oscillator pin of the keyboard controller is X1 when bit
7 of KRR is 0 When bit 7 of KRR is 1 the Keyboard Con-
troller clock is SYSCLK
Figures 10-11 shows the connec-
tions for external clock configuration via the X1 pin
The oscillator clock is divided by 3 to generate the state
timing then is further divided down by 5 to generate the
instruction timing
(Figure 10-12) Hence each instruction cy-
cle consists of 5 states and 15 clock cycles
Most of the keyboard controller instructions require only one
instruction cycle The others require two cycles Refer to the
instruction set for details
TLC12379 – 57
FIGURE 10-11 External Clock Connection
102 REAL-TIME CLOCK FUNCTION
The RTC in the PC87306 is a low-power clock that provides
a time-of-day clock and 100-year calendar with alarm fea-
tures and battery operation Other features include three
maskable interrupt sources and 242 bytes of general pur-
pose RAM Valid RAM and time can be maintained through
the use of an external battery source It is software compati-
ble with the DS1287 and MC146818
1021 Memory Map
The RTC contains 14 time and control registers It also con-
tains 242 bytes of general purpose battery backed static
RAM in two banks RAMSEL is used to select the active
bank Refer to Table 10-2
1022 Bus Interface
The RTC function is mapped to IO locations 70h (index)
and 71h (data)
This decode is done internal to the
PC87306
1023 Time Generation
The Time Generation function divides the 32768 kHz from
the external clock pins (X1C X2C) down to a one Hertz
signal The divider chain is controlled by bits 6 – 4 of Control
Register A Bits 3 – 0 of Control Register A select one of
fifteen taps from the divider chain to be used as a Periodic
Interrupt See Control Register A in the Control Register and
Interrupt section for divider configurations and rate selec-
tions
During divider reset (bits 6 – 4 of Control Register A e 11x)
the divider chain is reset to 0 An update will occur 500 ms
after the divider chain is activated into normal operational
mode (bits 6 – 4 of Control Register A e 010) The periodic
flag also becomes active 12 of the programmed value
when the divider chain is activated
Figure 10-13 represents the internal and external circuitry
that comprise the oscillator The oscillator input may be driv-
en from an external source If this is desired the input
should be driven rail to rail and be approximately a 50%
duty cycle The oscillator output should be open in this case
The external capacitor values should be chosen to provide
the manufacturer’s specified load capacitance for the crys-
tal when combined with the parasitic capacitance of the
trace socket and package which can vary from 0 pF to
8 pF The rule of thumb in choosing these capacitors is
CL e (C1 C2)(C1 a C2) a Cparasitic
C2 l C1
C1 can be trimmed to obtain the 327680 Hz
TLC12379 – 58
FIGURE 10-12 Instruction Cycle Timing
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com