Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 16Page - National Semiconductor (TI) PC87306 Datasheet HTML 17Page - National Semiconductor (TI) PC87306 Datasheet HTML 18Page - National Semiconductor (TI) PC87306 Datasheet HTML 19Page - National Semiconductor (TI) PC87306 Datasheet HTML 20Page - National Semiconductor (TI) PC87306 Datasheet HTML 21Page - National Semiconductor (TI) PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) PC87306 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
20 Configuration Registers (Continued)
25 BASE CONFIGURATION REGISTERS
251 Function Enable Register (FER Index 00h)
This register enables and disables major chip functions Dis-
abled functions have their clocks automatically powered
down but the data in their registers remains intact It also
selects whether the FDC and the IDE controller is located at
their primary or secondary address See Table 2-1 for the
FER reset value
Bit 0
When this bit is one the parallel port can be accessed
at the address specified in the FAR
Bit 1
When this bit is one UART1 can be accessed at the
address specified in the FAR When this bit is zero
access to UART1 is blocked and it is in power-down
mode The UART1 registers retain all data in power
down mode
Caution
Any UART1 interrupt that is enabled and
active or becomes active after UART1 is disabled as-
serts the associated IRQ pin when UART1 is dis-
abled If disabling UART1 via software clear the IRQ
Enable bit (MCR3) to zero before clearing FER 1
This is not an issue after reset because MCR3 is zero
until it is written
Bit 2
When this bit is one UART2 can be accessed at the
address specified in the FAR When this bit is zero
access to UART2 is blocked and it is in power-down
mode The UART2 registers retain all data in power
down mode
Caution
Any UART2 interrupt that is enabled and
active or becomes active after UART2 is disabled as-
serts the associated IRQ pin when UART1 is disabled
If disabling UART2 via software clear the IRQ En-
able bit (MCR3) to zero before clearing FER1 This is
not an issue after reset because MCR3 is zero until it
is written
Bit 3
When this bit is one the FDC can be accessed at the
address specified in the FER bits When this bit is
zero access to the FDC is blocked and it is in power-
down mode The FDC registers retain all data in pow-
er down mode
Bit 4
When this bit is zero the PC87306 can control two
floppy disk drives directly without an external decod-
er When this bit is one the two drive select signals
and two motor enable signals from the FDC are en-
coded so that four floppy disk drives can be con-
trolled (see Table 2-3 and
Figure 2-2 ) Controlling
four FDDs requires an external decoder The pin
states shown in Table 2-3 are a direct result of the bit
patterns shown All other bit patterns produce pin
states that should not be decoded to enable any
drive or motor
Bit 5
This bit selects the primary or secondary FDC ad-
dress (See Table 2-4)
Bit 6
When this bit is a one the IDE drive interface can be
accessed at the address specified by FER bit 7
When it is zero bit 0 of PMC determines whether the
HCS01 pins are inactive or in TRI-STATE IDEHI
and IDEHLO are inactive and IDED7 is in TRI-
STATE
Bit 7
This bit selects the primary or secondary IDE ad-
dress (See Table 2-4)
TABLE 2-3 Encoded Drive and Motor Pin Information (FER 4 e 1)
Digital Output Register
Drive Control Pins
Decoded Functions
7
6
5
4
3
2
1
0
MTR1
MTR0
DR1
DR0
XXX
1
X
X
0
0
(Note)
0
0
0
Activate Drive 0 and Motor 0
XX
1
X
X
X
0
1
(Note)
0
0
1
Activate Drive 1 and Motor 1
X
1
X
X
X
X
1
0
(Note)
0
1
0
Activate Drive 2 and Motor 2
1
X
X
X
X
X
1
1
(Note)
0
1
1
Activate Drive 3 and Motor 3
XXX
0
X
X
0
0
(Note)
1
0
0
Activate Drive 0 and Deactivate Motor 0
XX
0
X
X
X
0
1
(Note)
1
0
1
Activate Drive 1 and Deactivate Motor 1
X
0
X
X
X
X
1
0
(Note)
1
1
0
Activate Drive 2 and Deactivate Motor 2
0
X
X
X
X
X
1
1
(Note)
1
1
1
Activate Drive 3 and Deactivate Motor 3
Note
When FER4 e 1 MTR1 presents a pulse that is the inverted image of the IOW strobe This inverted pulse is active whenever an IO write to address 3F2h or
372h takes place This pulse is delayed by 25 ns–80 ns after the leading edge of IOW and its leading edge can be used to clock data into an external latch (eg
74LS175) Address 3F2h is used if the FDC is located at the primary address (FER5 e 0) and address 372h is used if the FDC is located at the secondary address
(FER5 e 1)
TLC12379 – 26
Hex Buffers
ICC e 40 mA
open collector
FIGURE 2-2 PC87306 Four Floppy Drive Circuit
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com