Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 81Page - National Semiconductor (TI) PC87306 Datasheet HTML 82Page - National Semiconductor (TI) PC87306 Datasheet HTML 83Page - National Semiconductor (TI) PC87306 Datasheet HTML 84Page - National Semiconductor (TI) PC87306 Datasheet HTML 85Page - National Semiconductor (TI) PC87306 Datasheet HTML 86Page - National Semiconductor (TI) PC87306 Datasheet HTML 87Page - National Semiconductor (TI) PC87306 Datasheet HTML 88Page - National Semiconductor (TI) PC87306 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
100 Keyboard Controller and Real-Time Clock (Continued)
R current limiting resistor
A small-value series current limiting
resistor is recommended when
PORT PINS are used as inputs
TLC12379 – 55
FIGURE 10-9 Using Port Pins as Inputs
When the port line is used as an output an active pull-up
technique is used (instead of a traditional pull-up resistor)
which turns on Q3 only when Q2 is off hence eliminating a
steady current flow
Open-Collector Outputs
In order to reduce the glue logic used in a PC-AT compatible
environment four dedicated open-collector outputs are pro-
vided KBCLK KBDAT MCLK and MDAT KBCLK is the
complement of P26 KBDAT is the complement of P27
MCLK is the complement of P23 MDAT is the complement
of P22 These four drivers can drive 16 mA making them
suitable for driving keyboard and mouse cables TEST0 and
TEST1 are internally connected to KBCLK and KBDAT re-
spectively in the PC-AT compatible applications P10 and
P11 are connected internally to KBDAT and MDAT respec-
tively
Test Inputs
KBCLK and MCLK are two dedicated input pins Conditional
jump instructions directly check the level of these two pins
MCLK also serves as the event counter input
1015 TimerCounter
The keyboard controller is equipped with an 8-bit counter
which can be used as a timer or an event counter
Figure 10-10 shows the two different clock sources for the
counter The clock source is selected by software
Timer Operation
The counter can be set to the timer operation mode by con-
necting its clock source to the internal timing generator The
clock frequency to the timer is equal to the oscillator fre-
quency divided by 480
The initial value of the timer is programmable After the tim-
er is started (by STRT T instruction) it counts up continu-
ously until it is stopped or the keyboard controller is reset
The Timer Overflow Flag is set when the count value over-
flows from FFh back to 00h The Timer Overflow Flag can
be tested by a conditional jump instruction (JTF) This in-
struction also resets the flag When the timer interrupt is
enabled an interrupt occurs when the timer overflows This
is discussed more detail in the interrupt section
Event Counter Operation
When the clock input of the counter is switched to the exter-
nal input (MCLK) it essentially becomes an event counter
The falling edge of the signal on the MCLK pin causes the
counter to increment Timer Overflow Flag and Timer inter-
rupt operate in the same way as they do in the timer mode
1016 Interrupts
The keyboard controller of the PC87306 provides 2 different
internal interrupts They are the Input Buffer Full (IBF) inter-
rupt and Timer Overflow interrupt These two interrupts can
be independently enabled or disabled by software Both of
them are disabled when the chip comes out from reset
TLC12379 – 56
FIGURE 10-10 Timing Generation and Timer Circuit
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com