Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 7Page - National Semiconductor (TI) PC87306 Datasheet HTML 8Page - National Semiconductor (TI) PC87306 Datasheet HTML 9Page - National Semiconductor (TI) PC87306 Datasheet HTML 10Page - National Semiconductor (TI) PC87306 Datasheet HTML 11Page - National Semiconductor (TI) PC87306 Datasheet HTML 12Page - National Semiconductor (TI) PC87306 Datasheet HTML 13Page - National Semiconductor (TI) PC87306 Datasheet HTML 14Page - National Semiconductor (TI) PC87306 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
(Continued)
Symbol
Pin
IO
Function
DIR
69
O
FDC Direction
This output determines the direction of the floppy disk drive (FDD) head
movement (active e step in inactive e step out) during a seek operation During reads or writes
DIR is inactive
DR0 1
73 74
O
FDC Drive Select 0 1
These are the decoded Drive Select outputs that are controlled by the
Digital Output Register bits D0 D1 The Drive Select outputs are gated with DOR bits 4 – 7 These
are active low outputs They are encoded with information to control four FDDs when bit 4 of the
Function Enable Register (FER) is set (See MTR0 1 for more information)
DRATE0 1
82 81
O
FDC Data Rate 0 1
These outputs reflect the currently selected FDC data rate (bits 0 and 1 in
the Configuration Control Register (CCR) or the Data Rate Select Register (DSR) whichever was
written to last) These pins are totem-pole buffered outputs (6 mA sink 6 mA source)
DSKCHG
71
I
FDC Disk Change
This input indicates if the drive door has been opened The state of this pin is
available from the Digital Input register This pin can also be configured as the Read Gate
(RGATE) data separator diagnostic input via the Mode command (see Section 426)
DSR1 2
111 103
I
UARTs Data Set Ready
When low this signal indicates that the data set or MODEM is ready to
establish a communications link The DSR signal is a MODEM status input whose condition the
CPU can test by reading bit 5 (DSR) of the MODEM Status Register (MSR) for the appropriate
channel Bit 5 is the complement of the DSR signal Bit 1 (DDSR) of the MSR indicates whether
the DSR input has changed state since the previous reading of the MSR
Note
Whenever the DDSR bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
DSTRB
119
O
Data Strobe
This signal is used in EPP mode as a data strobe It is active low (See AFD and
Table 8-5 for further information)
DTR1 2
106 96
O
UARTs Data Terminal Ready
When low this output indicates to the MODEM or data set that
the UART is ready to establish a communications link The DTR signal can be set to an active low
by programming bit 0 (DTR) of the MODEM Control Register to a high level A Master Reset
operation sets this signal to its inactive (high) state Loop mode operation holds this signal to its
inactive state (See CFG0 1 for further information)
ERR
120
I
Error
A connected printer sets this input low when it has detected an error This pin has a
nominal 25 kX pull-up resistor attached to it
FDACK
28
I
FDC DMA Acknowledge
Active low input to acknowledge the FDC DMA request and enable the
RD and WR inputs during a DMA transfer When in PC-AT or Model 30 mode this signal is
enabled by bit D3 of the Digital Output Register (DOR) When in PS2 mode FDACK is always
enabled and bit D3 of the DOR is reserved FDACK should be held high during IO accesses
FDRQ
27
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is
needed When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in
PS2 mode FDRQ is always enabled and bit D3 of the DOR is reserved
GPIO10–17
3-1
IO
General Purpose IO10 – 17
General purpose IO pins of IO port 1
158 – 154
GPIO20–27
153 – 150
IO
General Purpose IO20 – 27
General purpose IO pins of IO port 2
118 – 115
HCS0
87
O
Hard Drive Chip Select 0
This output is active in the PC-AT mode when 1) the hard drive
registers from 1F0 – 1F7h are selected and the primary address is used or 2) when the hard drive
registers from 170 – 177h are selected and the secondary address is used This output is inactive
if the IDE interface is disabled via the Configuration Register HCS0 is multiplexed with SELCS
strap input A 40 kX internal pull-up resistor is therefore used on this pin during reset (See
SELCS for further information)
HCS1
86
O
Hard Drive Chip Select 1
This output is active in the PC-AT mode when 1) the hard drive
registers from 3F6 – 7 are selected and the primary address is used or 2) the hard drive registers
from 376 – 377 are selected and the secondary address is used This output is also inactive if the
IDE interface is disabled via the Configuration Register
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com