Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 65Page - National Semiconductor (TI) PC87306 Datasheet HTML 66Page - National Semiconductor (TI) PC87306 Datasheet HTML 67Page - National Semiconductor (TI) PC87306 Datasheet HTML 68Page - National Semiconductor (TI) PC87306 Datasheet HTML 69Page - National Semiconductor (TI) PC87306 Datasheet HTML 70Page - National Semiconductor (TI) PC87306 Datasheet HTML 71Page - National Semiconductor (TI) PC87306 Datasheet HTML 72Page - National Semiconductor (TI) PC87306 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
70 Serial Infrared Wireless Communication Port (Continued)
UARTs or one UART plus one IR port simultaneously Nor-
mal (MODEM) mode implies two UARTs IR mode implies
one UART plus one IR port
The IR port is either Full Duplex or Half Duplex where
 Full Duplex e Both transmitter and receiver are enabled
simultaneously
 Half Duplex e The receiver input is blocked to ‘‘1’’ while
the transmitter is busy from the beginning of the start bit
till the end of the stop bit(s)
The IR port is either in Encoded mode or Non-Encoded
mode where
 Encoded mode e UART2’s SOUT pin is encoded and
routed to the IRTX pin and the IRRX pin is decoded and
routed to UART2’s SIN pin
 Non-Encoded mode e UART2’s SOUT pin is inverted
and routed to the IRTX pin and the IRRX is routed to
UART2’s SIN pin
When in Encoded mode the IR port’s output signal (IRTX) is
active for intervals of either 16 ms or 316 baud
Configuration of UART2 is still handled via the FER FAR
and PTR registers However SCF0 bit 3 is used instead of
PMC bit 2 for UART TRI-STATE control An additional regis-
ter the IRC (InfraRed Configuration) is provided to config-
ure the IR interface Also UART2’s IRQ mapping can be
modified using the PNP1 register
The state of UART2 pins for both modes follow
In IR mode (IRC0e1) the default values for the following
UART2 pins are
RI2 and DCD2 are 1
DSR2 and CTS2 are 0
SOUT2 is driven high (inactive)
In Normal (MODEM) mode (IRC0e0) the default value for
the IR port pins are
IRRX is 1
IRTX is driven low (inactive)
Float Control UART2 pins (except IRQ3 and IRQ4) and IR
pins IRTX and IRRX are controlled by the UART2 TRI-
STATE control bit (bit 3 of SCF0) The outputs are in TRI-
STATE and the inputs are blocked to reduce the leakage
current when the UART2 TRI-STATE control bit is 1 and
either UART2 is disabled or the PC87306 is in power-down
mode
TLC12379 – 38
FIGURE 7-1 UART2 Serial and IR Interface Block Diagram
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com