Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 89Page - National Semiconductor (TI) PC87306 Datasheet HTML 90Page - National Semiconductor (TI) PC87306 Datasheet HTML 91Page - National Semiconductor (TI) PC87306 Datasheet HTML 92Page - National Semiconductor (TI) PC87306 Datasheet HTML 93Page - National Semiconductor (TI) PC87306 Datasheet HTML 94Page - National Semiconductor (TI) PC87306 Datasheet HTML 95Page - National Semiconductor (TI) PC87306 Datasheet HTML 96Page - National Semiconductor (TI) PC87306 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
120 Electrical Characteristics (Continued)
121 DC ELECTRICAL CHARACTERISTICS
(Continued)
1211 Microprocessor Parallel Port and IDE Interface Pins
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH eb15 mA on
24
V
D0 – 7 IDED7 IRQ3 – 7 DRQ
IOH eb6mAon
DTR RTS SOUT MFM
DRATE CSOUT IDEHI
IDELO HCS0 HCS1 CS0 CS1
VOL
Output Low Voltage
IOL e 24 mA on
04
V
D0 – 7 IDED7 IRQ3 – 7 IRQ8
DRQ ZWS IOCHRDY
IOL e 12 mA on
DTR RTS SOUT HCS
IDEHI IDELO
IOL e 6mAon
DRATE CS0 CS1
IOZ
Output TRI-STATE Leakage
VIN e VDD
50
m
A
Current (D7 – 0 IRQ3 – 7 DRQ)
VIN e VSS
b
50
m
A
Note 1
Pins IOCHRDY and ZWS are open drain pins
1212 Disk Interface Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VH
Input Hysteresis
250
mV
VOH
Output High Voltage (Note 1)
IOH eb4 mA
24
V
VOL
Output Low Voltage
IOL e 40 mA
04
V
ILKG
Output High Leakage Current
VIN e VDD
10
m
A
(Note 1)
VIN e VSS
b
10
m
A
Note 1
VOH and ILKG for the disk interface pins are valid for CMOS buffered outputs only
1213 Oscillator Pin
(X1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
X1 Input High Voltage
20
V
IXLKG
X1 Leakage
VIN e VDD
400
m
A
VIN e VSS
b
400
m
A
1214 Parallel Port Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOH
High Level Output Current (Note 1)
VOH e 24V
12
mA
IOL
Low Level Output Current
VOL e 04V
12
mA
Note 1
AFD INIT SLIN and STB are open drain pins when the PC87306 parallel port is operating in one of the following modes Compatible Extended EPP17
ECP mode 0 or 1 or ECP mode 2 if PCR1 e 0 47 kX resistors should be used
1215 GPIO Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Output Low Voltage (Note 1)
IOL e 20 mA
04
V
Note 1
GPIO pins are open drain outputs with internal pull-up resistors between 10 and 26 kX
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com