Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 17Page - National Semiconductor (TI) PC87306 Datasheet HTML 18Page - National Semiconductor (TI) PC87306 Datasheet HTML 19Page - National Semiconductor (TI) PC87306 Datasheet HTML 20Page - National Semiconductor (TI) PC87306 Datasheet HTML 21Page - National Semiconductor (TI) PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) PC87306 Datasheet HTML 24Page - National Semiconductor (TI) PC87306 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
20 Configuration Registers (Continued)
TABLE 2-4 Primary and Secondary
Drive Address Selection
Bit 5
Bit 7
Drive
PC-AT Mode
0
X
FDC
Primary
3F0–7h
1
X
FDC
Secondary
3F0–7h
X
0
IDE
Primary
1F0 – 7 3F6 3F7h
X
1
IDE
Secondary
170 – 7 376 7h
252 Function Address Register (FAR Index e 01h)
This register selects the ISA IO address range to which
each peripheral function responds See Table 2-1 for its re-
set value
Bits 01
These bits select the parallel port address as
shown in Table 2-5 and Table 2-9
TABLE 2-5 Parallel Port Addresses
PNP0 PNP0 FAR FAR
Parallel
PC-AT
Bit 4
Bit 5 Bit 1 Bit 0
Port
Interrupt
Address
0
X
0
0
LPTB (378 – 37F)
IRQ5
(Note 1)
0
X
0
1
LPTA (3BC – 3BE)
IRQ7
(Note 2)
0
X
1
0
LPTC (278 – 27F)
IRQ5
0
X
1
1
Reserved
TRI-STATE
(CTR4 e 0)
1
0
X
X
LPTB (378 – 37F)
IRQ5
(Note 2)
1
1
X
X
LTPC (278 – 27F)
IRQ7
(Note 2)
Note 1
The interrupt assigned to this address can be changed to IRQ7 by
setting Bit 3 of the power and test register
Note 2
The parallel port address is selected according to bits 0 and 1 of
FAR or bit 6 of PNP0
Bits 2–5
These bits determine which ISA IO address
range is associated with each UART (see Tables
2-6 2-7 and 2-9)
TABLE 2-6 COM Port Selection for UART1
FAR
UART1
Bit 3
Bit 2
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2-8)
1
1
4 (Table 2-8)
Note
COM3 and COM4 addresses are determined by Bits 6 and 7
TABLE 2-7 COM Port Selection for UART2
FAR
UART2
Bit 5
Bit 4
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2-8)
1
1
4 (Table 2-8)
Note
COM3 and COM4 addresses are determined by Bits 6 and 7
Bits 6 7
These bits select the addresses that are used for
COM3 and COM4 (see Table 2-8)
TABLE 2-8 Address Selection for COM3 and COM4
Bit 7
Bit 6
COM3 IRQ4
COM4 IRQ3
0
0
3E8–Fh
2E8–Fh
0
1
338–Fh
238–Fh
1
0
2E8–Fh
2E0–7h
1
1
220–7h
228–Fh
TABLE 2-9 TRI-STATE Conditions of IRQ5 and IRQ7
Bit 4 of PNP0 e 0
Bit 4 of PNP0 e 1
IRQ5
((FARbit1 e 0) and (FARbit0 e 1)) or
(PNP0bit5 e 1) or
((FARbit1 e 0) and (FARbit0 e 0)) and
(FERbit0 e 0) or
(PTRbit3 e 1)) or
(CTRbit4 e 0 and PCRbit2 e 0)
(CTRbit4 e 0 and PCRbit2 e 0)
IRQ7
((FARbit1 e 0) and (FARbit0 e 0)) and
(PNP0bit5 e 0) or
(PTRbit3 e 0)) or
(FERbit0 e 0) or
((FARbit1 e 1) and (FARbit0 e 0)) or
(CTRbit4 e 0 and PCRbit2 e 0)
(CTRbit4 e 0 and PCRbit2 e 0)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com