Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 44Page - National Semiconductor (TI) PC87306 Datasheet HTML 45Page - National Semiconductor (TI) PC87306 Datasheet HTML 46Page - National Semiconductor (TI) PC87306 Datasheet HTML 47Page - National Semiconductor (TI) PC87306 Datasheet HTML 48Page - National Semiconductor (TI) PC87306 Datasheet HTML 49Page - National Semiconductor (TI) PC87306 Datasheet HTML 50Page - National Semiconductor (TI) PC87306 Datasheet HTML 51Page - National Semiconductor (TI) PC87306 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
40 FDC Command Set Description (Continued)
The Motor Off and Motor On timers are artifacts of the NEC
m
PD765 These timers determine both the delay from se-
lecting a drive motor until a read or write operation is start-
ed and the delay of deselecting the drive motor after the
command is completed Since the FDC enables the drive
and motor select line directly through the DOR these timers
only provide some delay from the initiation of a command
until it is actually started
4121 Verify Command
The Verify command reads logical sectors containing a Nor-
mal Data AM from the selected drive without transferring
the data to the host This command is identical to the Read
Data command except that no data is transferred during
the Execution Phase
The Verify command is designed for post-format or post-
write verification Data is read from the disk as the control-
ler checks for valid Address Marks in the Address and Data
Fields The CRC is computed and checked against the pre-
viously stored value on the disk The EOT value should be
set to the final sector to be checked on each side If EOT is
greater than the number of sectors per side the command
will terminate with an error and no useful Address Mark or
CRC data will be given
The TC pin cannot be used to terminate this command
since no data is transferred The verify command can simu-
late a TC by setting the EC bit to a 1 In this case the
command will terminate when SC (Sector Count) sectors
have been read (If SC e 0 then 256 sectors will be veri-
fied) If EC e 0 then the command will terminate when
EOT is equal to the last sector to be checked In this case
the Data Length parameter should be set to FFh Refer to
Table 4-10 for the Result Phase values for a successful
completion of the command Also see Table 4-19 for further
explanation of the result bytes with respect to the MT and
EC bits
Command Phase
MT
MFM
SK
1
0
1
1
0
EC
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data LengthSector Count
Execution Phase
Data is read from disk but not transferred
to the system
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
TABLE 4-19 Verify Command Result Phase
MT
EC
SCEOT Value (Notes 1 2)
Termination Result
0
0
DTL used (should be FFh)
No Errors
EOT s
Sectors per Side
0
0
DTL used (should be FFh)
Abnormal Termination
EOT l
Sectors per Side
01
SC s
Sectors per Side
No Errors
AND
SC s EOT
01
SC l
Sectors Remaining
Abnormal Termination
OR
SC l EOT
1
0
DTL used (should be FFh)
No Errors
EOT s
Sectors per Side
1
0
DTL used (should be FFh)
Abnormal Termination
EOT l
Sectors per Side
11
SC s
Sectors per Side
No Errors
AND
SC s EOT
11
SC s (EOT c 2)
No Errors
AND
EOT s
Sectors per Side
11
SC l (EOT c 2)
Abnormal Termination
Note 1
Sectors per Side e number of formatted sectors per each side of the disk
Note 2
Sectors Remaining e number of formatted sectors remaining which can be read which includes side 1 of the disk if the MT bit is set to 1
Note 3
If MT e 1 and the SC value is greater than the number of remaining formatted sectors on side 0 verifying will continue on side 1 of the disk
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com