Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 52Page - National Semiconductor (TI) PC87306 Datasheet HTML 53Page - National Semiconductor (TI) PC87306 Datasheet HTML 54Page - National Semiconductor (TI) PC87306 Datasheet HTML 55Page - National Semiconductor (TI) PC87306 Datasheet HTML 56Page - National Semiconductor (TI) PC87306 Datasheet HTML 57Page - National Semiconductor (TI) PC87306 Datasheet HTML 58Page - National Semiconductor (TI) PC87306 Datasheet HTML 59Page - National Semiconductor (TI) PC87306 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
50 FDC Functional Description
The PC87306 is software compatible with the DP8473 and
82077 floppy disk controllers Upon a power on reset the
16-byte FIFO will be disabled Also the disk interface out-
puts will be configured as active push-pull outputs which
are compatible with both CMOS inputs and open-collector
resistor terminated disk drive inputs The FIFO can be en-
abled with the Configure command The FIFO can be very
useful at the higher data rates with systems that have a
large amount of DMA bus latency or with multi-tasking sys-
tems such as the EISA or MicroChannel bus structures
The FDC will support all the DP8473 Mode command fea-
tures as well as some additional features Additional fea-
tures include control over the enabling of the FIFO for reads
and writes a Non-Burst mode for the FIFO a bit that will
configure the disk interface outputs as open-drain outputs
and programmability of the DENSEL output
51 MICROPROCESSOR INTERFACE
The FDC interface to the microprocessor consists of the
A9 – A3 AEN RD and WR lines which access the chip for
reads and writes the data lines D7 – 0 the address lines
A2 – 0 which select the appropriate register (see Table 3-1)
the IRQ6 signal and the DMA interface signals DRQ
DACK and TC It is through this microprocessor interface
that the floppy controller receives commands transfers
data and returns status information
52 MODES OF OPERATION
The FDC has two modes of operation PC-AT mode and
PS2 mode which are determined by the state of bits 7 and
6 of the ASC register See Section 30 Register Description
for more details on the register set used for each mode of
operation
PC-AT Mode
Bits 7 6 of ASC register are 11 (default)
The PC-AT register set is enabled The DMA enable bit in
the Digital Output Register becomes valid (IRQ6 and DRQ
can be TRI-STATE) TC and DENSEL become active high
signals (defaults to a 525
floppy drive)
PS2 Mode
Bits 7 6 of ASC register are 01 This mode
supports the PS2 Models 506080 configuration and reg-
ister set The DMA enable bit in the Digital Output Register
becomes a don’t care (IRQ6 and DRQ signals are always
valid) TC and DENSEL become active low signals (default
to 35
floppy drive)
53 CONTROLLER PHASES
The FDC has three separate phases of a command the
Command Phase the Execution Phase and the Result
Phase Each of these controller phases determine how data
is transferred between the floppy controller and the host
microprocessor In addition when no command is in prog-
ress the controller is in the Idle Phase or Drive Polling
Phase
531 Command Phase
During the Command Phase the mP writes a series of bytes
to the Data Register The first command byte contains the
opcode for the command and the controller knows how
many more bytes to expect based on this opcode byte The
remaining command bytes contain the particular parameters
required for the command The number of command bytes
varies for each particular command All the command bytes
must be written in the order specified in the Command De-
scription Table The Execution Phase starts immediately af-
ter the last byte in the Command Phase is written Prior to
performing the Command Phase the Digital Output Register
should be set and the data rate should be set with the Data
Rate Select Register or Configuration Control Register
The Main Status Register controls the flow of command
bytes and must be polled by the software before writing
each Command Phase byte to the Data Register Prior to
writing a command byte the RQM bit (D7) must be set and
the DIO bit (D6) must be cleared in the MSR After the first
command byte is written to the Data Register the CMD
PROG bit (D4) is also set and remains set until the last
Result Phase byte is read If there is no Result Phase the
CMD PROG bit will be cleared after the last command byte
is written
A new command may be initiated after reading all the result
bytes from the previous command If the next command
requires selecting a different drive or changing the data rate
the DOR and DSR or CCR should be updated If the com-
mand is the last command the software should deselect the
drive
Note
As a general rule the operation of the controller core is independent
of how the mP updates the DOR DSR and CCR The software must
ensure that the manipulation of these registers is coordinated with
the controller operation
532 Execution Phase
During the Execution Phase the disk controller performs
the desired command Commands that involve data trans-
fers (eg read write or format operation) require the mPto
write or read data to or from the Data Register at this time
Some commands such as a Seek or Recalibrate control the
readwrite head movement on the disk drive during the Exe-
cution Phase via the disk interface signals Execution of oth-
er commands does not involve any action by the mP or disk
drive and consists of an internal operation by the controller
If there is data to be transferred between the mP and the
controller during the Execution there are three methods
that can be used DMA mode interrupt transfer mode and
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com