Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 18Page - National Semiconductor (TI) PC87306 Datasheet HTML 19Page - National Semiconductor (TI) PC87306 Datasheet HTML 20Page - National Semiconductor (TI) PC87306 Datasheet HTML 21Page - National Semiconductor (TI) PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) PC87306 Datasheet HTML 24Page - National Semiconductor (TI) PC87306 Datasheet HTML 25Page - National Semiconductor (TI) PC87306 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
20 Configuration Registers (Continued)
TABLE 2-10 TRI-STATE Conditions of IRQ3 and IRQ4
Bit 0 of PNP1 e 0
Bit 0 of PNP1 e 1
IRQ3
According to FAR
(PNP1bit2 e 1) or
selection and
(FERbit1 e 0) or
bits 3 4 of MCR
(MCR1bit3 e 0) or
(MCR1bit4 e 1)
and
(PNP1bit6 e 1) or
(FERbit2 e 0) or
(MCR2bit3 e 0) or
(MCR2bit4 e 1)
IRQ4
According to FAR
(PNP1bit2 e 0) or
selection and
(FERbit1 e 0) or
bits 3 4 of MCR
(MCR1bit3 e 0) or
(MCR1bit4 e 1)
and
(PNP1bit6 e 0) or
(FERbit2 e 0) or
(MCR2bit3 e 0) or
(MCR2bit4 e 1)
253 Power and Test Register (PTR Index e 02h)
This register determines several power-down features the
power-down method used when the power-down pin
(PWDN) is asserted (crystal and clocks vs clocks only)
whether hardware power-down is enabled and provides a
bit for software power-down of all enabled functions It se-
lects whether IRQ7 or IRQ5 is associated with LPTB It puts
the enabled UARTs into their test mode See Table 2-1 for
its reset value
Independent of this register the floppy disk controller can
enter low power mode via the Mode Command or the Data
Rate Select Register
Bit 0
Setting this bit causes all enabled functions to be
powered down
Bit 1
Reserved
Bit 2
Reserved
Bit 3
Setting this bit associates the parallel port with IRQ7
when the address for the parallel port is 378 – 37Fh
(LPTB) This bit is a ‘‘don’t care’’ when the parallel
port address is 3BC – 3BEh (LPTA) or 278 – 27Fh
(LPTC)
When bit 4 of PNP0 is 1 this bit is ignored
Bit 4
Setting this bit puts UART1 into a test mode which
causes its Baud Out clock to be present on its SOUT1
pin if the Line Control Register bit 7 is set to 1
Bit 5
Setting this bit puts UART2 into a test mode which
causes its Baud Out clock to be present on its SOUT2
pin if the Line Control Register bit 7 is set to 1
Bit 6
Setting this bit to a 1 prevents all further write access-
es to the Configuration Registers Once it is set by
software it can only be cleared by a hardware reset
Bit 7
When not in EPP or ECP modes this bit controls
CompatibleExtended mode thus controlling Pulse
Level interrupt
Set this bit to 0 for Compatible mode Pulse Inter-
rupt Set this bit to 1 for Extended mode Level In-
terrupt
Note
Parallel port interrupt (PulseLevel) in EPP and ECP
modes is always pulse
This bit is ignored in ECP and EPP modes
254 Function Control Register (FCR Index e 03h)
This register enables the ZWS option when in Enhanced
Parallel Port mode
On reset the FCR is initialized to X00XXX01
Bit 0
TDR Mode Select bit This bit selects the TDR
mode when ASC2 e 0 as follows
0 Automatic Media Sense TDR (PC87322 type)
1 PC-AT Compatible TDR (PC87312 type)
This bit is ignored when ASC2 e 1 See ASC bit 2
for complete TDR mode selection
Bit 1
IDE DMA Enable Bit When this bit is 0 the IDE
DMA is disabled When this bit is 1 the IDE DMA is
enabled
Bit 2
Reserved
Bit 3
Reserved
Bit 4
Reserved
Bit 5
Zero Wait State enable bit If this bit is 1 ZWS is
driven low when the Enhanced Parallel Port
(EPP) or the ECP can accept a short host read
write-cycle otherwise the ZWS open drain output
is not driven EPP ZWS operation should be con-
figured when the system’s device is fast enough
to support it
Bits 6 7
Reserved Use Read Modified Write to change the
FCR register
255 Printer Control Register (PCR Index e 04h)
This register enables the EPP and ECP version modes and
interrupt options It also enables the RTC RAM write mask
bit On reset the PCR bits are cleared to 0
The parallel port mode is software configurable as shown in
Table 2-11
TABLE 2-11 Parallel Port Mode
Operation
FER
PTR
PCR
PCR
Mode
Bit 0
Bit 7
Bit 0
Bit 2
None
0
X
X
X
Compatible
1000
Extended
1100
EPP
1
X
1
0
ECP
1
X
0
1
Bit 0
EPP enable bit When this bit is 0 the EPP is dis-
abled and the EPP registers are not accessible
(access ignored)
When this bit is 1 and bit 2 of PCR is 0 the EPP is
enabled Note that the EPP should not be config-
ured with base address 3BCh
For further information refer to bit 5 of FCR
Bit 1
EPP version select bit When this bit is 0 Version
17 is supported and STB AFD INIT and SLIN
are open drain outputs
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com