Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87306 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 66Page - National Semiconductor (TI) PC87306 Datasheet HTML 67Page - National Semiconductor (TI) PC87306 Datasheet HTML 68Page - National Semiconductor (TI) PC87306 Datasheet HTML 69Page - National Semiconductor (TI) PC87306 Datasheet HTML 70Page - National Semiconductor (TI) PC87306 Datasheet HTML 71Page - National Semiconductor (TI) PC87306 Datasheet HTML 72Page - National Semiconductor (TI) PC87306 Datasheet HTML 73Page - National Semiconductor (TI) PC87306 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
80 Parallel Port
81 INTRODUCTION
This parallel interface is designed to provide all of the sig-
nals and registers needed to communicate through a stan-
dard parallel printer port as found in the IBM PC-XT PC-AT
PS2 and Centronics systems This parallel port supports
three standard modes of operation SPP EPP ECP The
Standard Parallel Port (SPP) is a software based protocol
with performance of up to 150 kbps
The Enhanced Parallel Port (EPP) is a hardware protocol
which offers up to 2 Mbps
The Extended Capabilities Port (ECP) is also a hardware
protocol with up to 2 Mbps transfer rate In addition the
ECP has FIFO’s for receive and transmit and DMA support
to reduce the CPU overhead The ECP mode 0 is in fact
compatible with the SPP mode The ECP specification de-
fines the ACDC parameters of the signals to allow fast
communication without termination problems
All the above standards are incorporated into the 1284 IEEE
specifications
The address decoding of the registers in SPP mode utilizes
A0 and A1 as shown in Table 8-1 (Address decoding of
registers in EPP and ECP modes is shown in Table 8-5 and
8-7 respectively) Table 8-3 shows the Reset states of Par-
allel port registers and pin signals These registers are
shown in Section 82 to Section 84
TABLE 8-1 Parallel Interface Register Addresses
A1
A0
Address
Register
Access
0
0
0
Data
ReadWrite
0
1
1
Status
Read
1
0
2
Control
ReadWrite
1
1
3
TRI-STATE
Special circuitry provides protection against damage that
might be caused when the printer is powered but the
PC87306 is not
There are two Standard Parallel Port (SPP) modes of opera-
tion (Compatible and Extended see Table 8-2) two En-
hanced Parallel Port (EPP) modes of operation and one Ex-
tended Capabilities Port (ECP) mode to complete a full IEEE
1284 parallel port
TABLE 8-2 Standard Parallel Port
Modes Selection
Port Function
PTR7
Compatible
0
Extended
1
In Compatible mode a write operation causes the data to be
presented on pins PD0 – PD7 A read operation in this mode
causes the Data Register to present the last data written to
it by the CPU See Table 8-3
In the Extended Mode a write operation to the data register
causes the data to be latched If the Data Port Direction bit
(CTR5) is 0 the latched data is presented to the pins if it is
1 the data is only latched When Data Port Direction bit
(CTR5) is 0 a read operation from this register allows the
CPU to read the last data it wrote to the port In the Extend-
ed Mode with the Data Port Direction bit set to 1 (read) a
read from this register causes the port to present the data
on pins PD0 – PD7
TABLE 8-3 SPP Data Register Read and Write Modes
PTR7
CTR5
RD
WR
Result
0
X
1
0
Data Written to PD0 – 7
0
X
0
1
Data Read from the Output
Latch
1
0
1
0
Data Written to PD0 – 7
1
1
1
0
Data Written is Latched
1
0
0
1
Data Read from the Output
Latch
1
1
0
1
Data Read from PD0 – 7
To support a high transfer rate the IO buffers of the paral-
lel port signals require improved impedance matching IEEE
P1284 defines two types of IO buffers Level 1 (standard
IO buffersopen-drain with weak pull-up) and Level 2
(new IO bufferspush-pull with driver impedance and slew
rate according to new standards)
IEEE P1284 Draft 200 September 10 1993 Microsoft’s
ECP Protocol and ISA Interface Standard revision 114
July 7 1993 provide detailed descriptions of Level 2 IO
buffers
When in EPP 19 or ECP mode 3 or ECP mode 2 with bit 1
of PCR equal to 1 the following parallel port pins have Level
2 IO buffers PD0 – PD7 STB AFD INIT SLIN ACK ERR
SLCT PE and BUSY
(See DC Electrical Characteristics Section 111 for further
information)
82 DATA REGISTER (DTR)
TLC12379 – 39
This is a bidirectional data port that transfers 8-bit date The
direction is determined by the PTR7 and the CTR5 bits
When PTR7 is high the CTR5 bit will determine the data
direction in conjunction with the Read and Write strobes
When PTR7 bit is low the parallel port operates in the out-
put mode only See PTR7 bit and CTR5 bit for further infor-
mation The reset value of this register is 0 See Table 8-3
83 STATUS REGISTER (STR)
TLC12379 – 40
This register provides status for the signals listed below It is
a read only register Writing to it is an invalid operation that
has no effect
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com